| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 138 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 138 Page - Renesas Technology Corp |
|
138 / 1032 page ![]() INTERRUPT CONTROLLER (ICU) 5 5-14 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 5.5.2 Processing by Internal Peripheral I/O Interrupt Handlers (1) Branching to the interrupt handler Upon accepting an interrupt request, the CPU branches to the EIT vector entry after performing the hardware preprocessing as described in Section 4.3, “EIT Processing Procedure.” The EIT vector entry for External Interrupt (EI) is located at the address H’0000 0080. This address is where the instruction (not the jump address itself) for branching to the beginning of the interrupt handler routine for external interrupt requests is written. (2) Processing in the External Interrupt (EI) handler A typical operation of the External Interrupt (EI) handler (for interrupts from internal peripheral I/O) is shown in Figure 5.5.2. [1] Saving each register to the stack Save the BPC, PSW and general-purpose registers to the stack. Also, save the accumulator and FPSR register to the stack as necessary. [2] Reading the Interrupt Request Mask Register (IMASK) and saving to the stack Read the Interrupt Request Mask Register and save its content to the stack. [3] Reading the Interrupt Vector Register (IVECT) Read the Interrupt Vector Register. This register holds the 16 low-order address bits of the ICU vector table for the accepted interrupt request source that was stored in it when accepting an interrupt request. When the Interrupt Vector Register is read, the following processing is automatically performed in hardware: • The interrupt priority level of the accepted interrupt request (ILEVEL) is set in the IMASK register as a new IMASK value. (Interrupts with lower priority levels than that of the accepted interrupt request source are masked.) • The accepted interrupt request source is cleared (not cleared for level-recognized interrupt request sources). • The interrupt request (EI) to the CPU core is dropped. • Internal sequencer of ICC is activated to start internal processing (interrupt priority resolution). [4] Reading and overwriting the Interrupt Request Mask Register (IMASK) Read the Interrupt Request Mask Register and overwrite it with the read value. This write to the IMASK register causes the following processing to be automatically performed in hardware: • The interrupt request (EI) to the CPU core is dropped. • Internal sequencer of ICC is activated to start internal processing (interrupt priority resolution). [5] Reading the ICU vector table Read the ICU vector table for the accepted interrupt request source. The relevant ICU vector table address can be obtained by zero-extending the content of the Interrupt Vector Register that was read in [3] (i.e., the 16 low-order address bits of the ICU vector table for the accepted interrupt request source). The ICU vector table must have set in it the start address of the interrupt handler for the interrupt request source concerned.) 5.5 Description of Interrupt Operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |