Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 214Page - Renesas Technology Corp 32186 Datasheet HTML 215Page - Renesas Technology Corp 32186 Datasheet HTML 216Page - Renesas Technology Corp 32186 Datasheet HTML 217Page - Renesas Technology Corp 32186 Datasheet HTML 218Page - Renesas Technology Corp 32186 Datasheet HTML 219Page - Renesas Technology Corp 32186 Datasheet HTML 220Page - Renesas Technology Corp 32186 Datasheet HTML 221Page - Renesas Technology Corp 32186 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 1032 page
background image
8
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8-16
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
b0
12
3456
b7
P20MD
P21MD
P22MD
P23MD
P24MD
P25MD
P26MD
P27MD
000
0000
0
P2 Operation Mode Register (P2MOD)
<Address: H’0080 0742>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
P20MD
0: P20/DD24 (Note 1)
R
W
Port P20 operation mode bit
1: A23
1
P21MD
0: P21/DD25 (Note 1)
R
W
Port P21 operation mode bit
1: A24
2
P22MD
0: P22/DD26 (Note 1)
R
W
Port P22 operation mode bit
1: A25
3
P23MD
0: P23/DD27 (Note 1)
R
W
Port P23 operation mode bit
1: A26
4
P24MD
0: P24/DD28 (Note 1)
R
W
Port P24 operation mode bit
1: A27
5
P25MD
0: P25/DD29 (Note 1)
R
W
Port P25 operation mode bit
1: A28
6
P26MD
0: P26/DD30 (Note 1)
R
W
Port P26 operation mode bit
1: A29
7
P27MD
0: P27/DD31 (Note 1)
R
W
Port P27 operation mode bit
1: A30
Note 1: The port and DD input functions both are effective. To use the port as DD input pin, set the port direction for input.
Notes: • During single-chip mode, settings of this register have no effect, and the port functions as port input/output or DD input pin.
• During processor mode, settings of this register have no effect, and the ports function as external bus interface signal pins
(A23-A30).
8.3 Input/Output Port Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com