Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 210Page - Renesas Technology Corp 32186 Datasheet HTML 211Page - Renesas Technology Corp 32186 Datasheet HTML 212Page - Renesas Technology Corp 32186 Datasheet HTML 213Page - Renesas Technology Corp 32186 Datasheet HTML 214Page - Renesas Technology Corp 32186 Datasheet HTML 215Page - Renesas Technology Corp 32186 Datasheet HTML 216Page - Renesas Technology Corp 32186 Datasheet HTML 217Page - Renesas Technology Corp 32186 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 1032 page
background image
8
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8-12
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
8.3.1 Port Data Registers
P0 Data Register (P0DATA)
<Address: H’0080 0700>
P1 Data Register (P1DATA)
<Address: H’0080 0701>
P2 Data Register (P2DATA)
<Address: H’0080 0702>
P3 Data Register (P3DATA)
<Address: H’0080 0703>
P4 Data Register (P4DATA)
<Address: H’0080 0704>
P6 Data Register (P6DATA)
<Address: H’0080 0706>
P7 Data Register (P7DATA)
<Address: H’0080 0707>
P8 Data Register (P8DATA)
<Address: H’0080 0708>
P9 Data Register (P9DATA)
<Address: H’0080 0709>
P10 Data Register (P10DATA)
<Address: H’0080 070A>
P11 Data Register (P11DATA)
<Address: H’0080 070B>
P12 Data Register (P12DATA)
<Address: H’0080 070C>
P13 Data Register (P13DATA)
<Address: H’0080 070D>
P15 Data Register (P15DATA)
<Address: H’0080 070F>
P17 Data Register (P17DATA)
<Address: H’0080 0711>
P22 Data Register (P22DATA)
<Address: H’0080 0716>
Note: • n = 0–13, 15, 17, 22 (not including P5)
<Upon exiting reset: Undefined>
b
Bit Name
Function
R
W
0(8)
Pn0DT
<At read>
R
W
Port Pn0 data bit
Depends on how the Port Direction Register is set
1(9)
Pn1DT
If direction bit = "0" (input mode)
Port Pn1 data bit
0: Port input pin = "L"
2(10)
Pn2DT
1: Port input pin = "H"
Port Pn2 data bit
If direction bit = "1" (output mode) (Note 1)
3(11)
Pn3DT
0: Port output latch = "0" / Port pin level = "L"
Port Pn3 data bit
1: Port output latch = "1" / Port pin level = "H"
4(12)
Pn4DT
<At write>
Port Pn4 data bit
Write to the port output latch
5(13)
Pn5DT
Port Pn5 data bit
6(14)
Pn6DT
Port Pn6 data bit
7(15)
Pn7DT
Port Pn7 data bit
Note 1: To select the port data to read, use the Port Input Special Function Control Register’s port input data select bit (PISEL).
Notes: • Following bits are not provided (read as "0," writing has no effect):
P40, P60, P65–P67, P90–P92, P120–P123, P151, P152, P154–P157, P170–P173, P176, P177, P222, P223, P226, P227
• The SBI# pin input level can be read out by reading the P64DT bit. Writing to the P64DT bit has no effect.
• The MOD0 and MOD1 pin input levels can be read out by reading the P80DT and P81DT bits, respectively. Writing to the
P80DT and P81DT bits has no effect.
• P221 is an input-only port. Writing to the P221DT bit has no effect.
8.3 Input/Output Port Related Registers
b0
12
3456
b7
(b8
9
10
11
12
13
14
b15)
Pn0DT
Pn1DT
Pn2DT
Pn3DT
Pn4DT
Pn5DT
Pn6DT
Pn7DT
???
????
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com