Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 208Page - Renesas Technology Corp 32186 Datasheet HTML 209Page - Renesas Technology Corp 32186 Datasheet HTML 210Page - Renesas Technology Corp 32186 Datasheet HTML 211Page - Renesas Technology Corp 32186 Datasheet HTML 212Page - Renesas Technology Corp 32186 Datasheet HTML 213Page - Renesas Technology Corp 32186 Datasheet HTML 214Page - Renesas Technology Corp 32186 Datasheet HTML 215Page - Renesas Technology Corp 32186 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 1032 page
background image
8
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8-10
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Input/Output Port Related Register Map (2/3)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0720
P0 Direction Register
P1 Direction Register
8-13
(P0DIR)
(P1DIR)
H'0080 0722
P2 Direction Register
P3 Direction Register
8-13
(P2DIR)
(P3DIR)
H'0080 0724
P4 Direction Register
(Use inhibited area)
8-13
(P4DIR)
H'0080 0726
P6 Direction Register
P7 Direction Register
8-13
(P6DIR)
(P7DIR)
H'0080 0728
P8 Direction Register
P9 Direction Register
8-13
(P8DIR)
(P9DIR)
H'0080 072A
P10 Direction Register
P11 Direction Register
8-13
(P10DIR)
(P11DIR)
H'0080 072C
P12 Direction Register
P13 Direction Register
8-13
(P12DIR)
(P13DIR)
H'0080 072E
(Use inhibited area)
P15 Direction Register
8-13
(P15DIR)
H'0080 0730
(Use inhibited area)
P17 Direction Register
8-13
(P17DIR)
(Use inhibited area)
H'0080 0736
P22 Direction Register
(Use inhibited area)
8-13
(P22DIR)
(Use inhibited area)
H'0080 0740
P0 Operation Mode Register
P1 Operation Mode Register
8-14
(P0MOD)
(P1MOD)
8-15
H'0080 0742
P2 Operation Mode Register
P3 Operation Mode Register
8-16
(P2MOD)
(P3MOD)
8-17
H'0080 0744
P4 Operation Mode Register
Port Input Special Function Control Register
8-18
(P4MOD)
(PICNT)
8-29
H'0080 0746
(Use inhibited area)
P7 Operation Mode Register
8-19
(P7MOD)
H'0080 0748
P8 Operation Mode Register
P9 Operation Mode Register
8-20
(P8MOD)
(P9MOD)
8-21
H'0080 074A
P10 Operation Mode Register
P11 Operation Mode Register
8-22
(P10MOD)
(P11MOD)
8-23
H'0080 074C
P12 Operation Mode Register
P13 Operation Mode Register
8-24
(P12MOD)
(P13MOD)
8-25
H'0080 074E
(Use inhibited area)
P15 Operation Mode Register
8-26
(P15MOD)
H'0080 0750
(Use inhibited area)
P17 Operation Mode Register
8-27
(P17MOD)
(Use inhibited area)
H'0080 0756
P22 Operation Mode Register
(Use inhibited area)
8-28
(P22MOD)
(Use inhibited area)
8.3 Input/Output Port Related Registers
|
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com