Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 212Page - Renesas Technology Corp 32186 Datasheet HTML 213Page - Renesas Technology Corp 32186 Datasheet HTML 214Page - Renesas Technology Corp 32186 Datasheet HTML 215Page - Renesas Technology Corp 32186 Datasheet HTML 216Page - Renesas Technology Corp 32186 Datasheet HTML 217Page - Renesas Technology Corp 32186 Datasheet HTML 218Page - Renesas Technology Corp 32186 Datasheet HTML 219Page - Renesas Technology Corp 32186 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 1032 page
background image
8
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8-14
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
8.3.3 Port Operation Mode and Port Peripheral Function Select Registers
P0 Operation Mode Register (P0MOD)
<Address: H’0080 0740>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
P00MD
0: P00/DD0 (Note 1)
R
W
Port P00 operation mode bit
1: DB0/TO21 (Note 2)
1
P01MD
0: P01/DD1 (Note 1)
R
W
Port P01 operation mode bit
1: DB1/TO22 (Note 2)
2
P02MD
0: P02/DD2 (Note 1)
R
W
Port P02 operation mode bit
1: DB2/TO23 (Note 2)
3
P03MD
0: P03/DD3 (Note 1)
R
W
Port P03 operation mode bit
1: DB3/TO24 (Note 2)
4
P04MD
0: P04/DD4 (Note 1)
R
W
Port P04 operation mode bit
1: DB4/TO25 (Note 2)
5
P05MD
0: P05/DD5 (Note 1)
R
W
Port P05 operation mode bit
1: DB5/TO26 (Note 2)
6
P06MD
0: P06/DD6 (Note 1)
R
W
Port P06 operation mode bit
1: DB6/TO27 (Note 2)
7
P07MD
0: P07/DD7 (Note 1)
R
W
Port P07 operation mode bit
1: DB7/TO28 (Note 2)
Note 1: The port and DD input functions both are effective. To use the port as DD input pin, set the port direction for input.
Note 2: Which function of the pin is used depends on how the P0 Peripheral Function Select Register is set.
Note: • During processor mode, settings of this register have no effect, and the ports function as external bus interface signal pins (DB0-DB7).
8.3 Input/Output Port Related Registers
b0
12
3456
b7
P00MD
P01MD
P02MD
P03MD
P04MD
P05MD
P06MD
P07MD
000
0000
0
P0 Peripheral Function Select Register (P0SMOD)
<Address: H’0080 0760>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
P00SMD
0: DB0
R
W
Port P00 peripheral function select bit
1: TO21
1
P01SMD
0: DB1
R
W
Port P01 peripheral function select bit
1: TO22
2
P02SMD
0: DB2
R
W
Port P02 peripheral function select bit
1: TO23
3
P03SMD
0: DB3
R
W
Port P03 peripheral function select bit
1: TO24
4
P04SMD
0: DB4
R
W
Port P04 peripheral function select bit
1: TO25
5
P05SMD
0: DB5
R
W
Port P05 peripheral function select bit
1: TO26
6
P06SMD
0: DB6
R
W
Port P06 peripheral function select bit
1: TO27
7
P07SMD
0: DB7
R
W
Port P07 peripheral function select bit
1: TO28
Notes: • During processor mode, settings of this register have no effect, and the ports function as external bus interface signal pins (DB0-DB7).
• The value of this register can only be modified when the corresponding P0 operation mode register bit = 0 (set for port).
Then set the corresponging P0 operation mode register bit to "1."
• During single-chip mode, selecting the external bus interface function is prohibited.
b0
12
3456
b7
P00SMD
P01SMD
P02SMD
P03SMD
P04SMD
P05SMD
P06SMD
P07SMD
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com