Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 267Page - Renesas Technology Corp R8C/14 Datasheet HTML 268Page - Renesas Technology Corp R8C/14 Datasheet HTML 269Page - Renesas Technology Corp R8C/14 Datasheet HTML 270Page - Renesas Technology Corp R8C/14 Datasheet HTML 271Page - Renesas Technology Corp R8C/14 Datasheet HTML 272Page - Renesas Technology Corp R8C/14 Datasheet HTML 273Page - Renesas Technology Corp R8C/14 Datasheet HTML 274Page - Renesas Technology Corp R8C/14 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 277 page
background image
C - 6
REVISION HISTORY
R8C/14 Group, R8C/15 Group Hardware
2.00
Jan 12, 2006
32
Table 6.2 Setting Procedure of Voltage Monitor 1 Reset Associated Bit
revised
33
Table 6.3 Setting Procedure of Voltage Monitor 2 Interrupt and Voltage
Monitor 2 Reset Associated Bit revised
37
Table 8.2 Bus Cycles for Access Space of the R8C/15 Group added,
Table 8.3 Access Unit and Bus Operation;
“SFR”
→ “SFR, Data flash”,
“ROM/RAM”
→ “ROM (Program ROM), RAM” revised
38
Table 9.1 Specification of Clock Generation Circuit NOTE2 deleted
39
Figure 9.1 Clock Generation Circuit revised
40
Figure 9.2 CM0 Register NOTE2 revised
42
Figure 9.4 OCD Register NOTES 3, 4 revised
43
Figure 9.5 HRA0 Register NOTE2 revised
45
9.1 Main Clock;
“After reset, ...”
→ “During reset and after reset, ...” revised
46
9.2.1 Low-Speed On-Chip Oscillator Clock;
“The application ... to accommodate the frequency range.”
→
“The application ... for the frequency change.”
47
9.3.2 CPU Clock;
“When changing the clock source ... the OCD2 bit.” deleted
48
9.4.1 Normal Operating Mode;
“... into three modes”
→ “... into four modes” revised
Table 9.2 Setting and Mode of Clock Associated Bit revised
49
9.4.1.1 High-Speed Mode, 9.4.1.2 Medium-Speed Mode;
“Set the CM06 bit to “1” ... on-chip oscillator mode.” deleted
9.4.1.3 High-Speed, Low-Speed On-Chip Oscillator Mode;
“9.4.1.3 On-Chip Oscillator Mode”
→ “9.4.1.3 High-Speed, Low-Speed
On-Chip Oscillator Mode” revised,
“Set the CM06 bit to “1” ... high-speed and medium-speed.” deleted
52
Figure 9.8 State Transition to Stop and Wait Modes;
“Figure 9.8 State Transition to Stop and Wait Modes”
→ “Figure 9.8
State Transition of Power Control” revised
Figure 9.9 State Transition in Normal Operating Mode deleted
53
9.5.1 How to Use Oscillation Stop Detection Function;
“
• This function cannot ... is 2 MHz or below. ...” →
“
• This function cannot ... is below 2 MHz. ...” revised
54
Figure 9.9 Procedure of Switching Clock Source From Low-Speed On-
Chip Oscillator to Main Clock revised
55
Figure 10.1 PRCR Register “00XXX000b”
→ ”00h” revised
68
Figure 11.10 Judgement Circuit of Interrupts Priority Level NOTE1 deleted
69
Figure 11.11 INTEN and INT0F Registers;
INT0F Register “XXXXX000b”
→ ”00h” revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com