Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 269Page - Renesas Technology Corp R8C/14 Datasheet HTML 270Page - Renesas Technology Corp R8C/14 Datasheet HTML 271Page - Renesas Technology Corp R8C/14 Datasheet HTML 272Page - Renesas Technology Corp R8C/14 Datasheet HTML 273Page - Renesas Technology Corp R8C/14 Datasheet HTML 274Page - Renesas Technology Corp R8C/14 Datasheet HTML 275Page - Renesas Technology Corp R8C/14 Datasheet HTML 276Page - Renesas Technology Corp R8C/14 Datasheet HTML 277Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 275 / 277 page
background image
C - 10
REVISION HISTORY
R8C/14 Group, R8C/15 Group Hardware
2.00
Jan 12, 2006
228
Table 19.14 Electrical Characteristics (2) [Vcc = 5V] NOTE1 deleted
229
Table 19.18 Serial Interface;
“35”
→ “50”, “80” → “50”
231
Table 19.20 Electrical Characteristics (3) [VCC = 3V] revised
232
Table 19.21 Electrical Characteristics (4) [Vcc = 3V] NOTE1 deleted
233
Table 19.25 Serial Interface;
“55”
→ “70”, “160” → “80”
239
20.3.1 Oscillation Stop Detection Function;
“Since ... is 2MHz or below, ..”
→ “Since ... is below 2 MHz, ..” revised
20.3.2 Oscillation Circuit Constants added
240
20.4.2 Precautions on Timer X;
‘
• ... When writing “1” (count starts) to ... writing “1” to the TXS bit.’ →
‘
• ... “0” (count stops) can be ... after the TXS bit is set to “1”.’ revised
241
20.4.3 Precautions on Timer Z;
•“
• In programmable ... “0” and the timer ...” →
“
• In programmable ... “0” (stops counting) or setting the TZOS bit in
the TZOC register to “0” (stops one-shot), the timer ...” revised
•‘
• ... When writing “1” (count starts) to ... writing “1” to the TZS bit.’ →
‘
• ... “0” (count stops) can be ... after the TZS bit is set to “1”.’ revised
246
Table 20.2 Interrupt in EW1 Mode revised
247
20.8.1.9 Interrupt Request Generation During Auto-erase Operation in
EW1 Mode added
249
21. Precaution for On-chip Debugger (2) revised, (4) added
250
Appendix 1. Package Dimensions;
Package “PRDP0020BA-A” deleted
251
Appendix Figure 2.1 Connecting Example with M16C Flash Starter
(M3A-0806);
• NOTE1 revised
• Pulled up added
2.10
Jan 19, 2006
223
Table 19.10 High-speed On-Chip Oscillator Circuit Electrical
Characteristics;
High-Speed On-Chip Oscillator Frequency Temperature
• Supplay
Voltage Dependence 0 to +60
°C / 5 V ± 5 % Standard Max.
“8.16”
→ “8.56”
247
20.8.1.9 Interrupt Request Generation during Auto-erase Operation in
EW1 Mode; (b) revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com