Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 269Page - Renesas Technology Corp R8C/14 Datasheet HTML 270Page - Renesas Technology Corp R8C/14 Datasheet HTML 271Page - Renesas Technology Corp R8C/14 Datasheet HTML 272Page - Renesas Technology Corp R8C/14 Datasheet HTML 273Page - Renesas Technology Corp R8C/14 Datasheet HTML 274Page - Renesas Technology Corp R8C/14 Datasheet HTML 275Page - Renesas Technology Corp R8C/14 Datasheet HTML 276Page - Renesas Technology Corp R8C/14 Datasheet HTML 277Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 273 / 277 page
background image
C - 8
REVISION HISTORY
R8C/14 Group, R8C/15 Group Hardware
2.00
Jan 12, 2006
103
Table 13.7 Specification of Timer Mode;
“
• When writing ... registers (the data is transferred to the counter
when the following count source is input) while the TZWC bit is set to
“0” (writing to the reload register and counter simultaneously).”
→
“
• When writing ... registers at the following count source input and the
data is transferred to the counter at the second count source input and
the count re-starts at the third count source input.” revised
108, 112 Table 13.9 Specification of Programmable One-Shot Generation Mode,
Table 13.10
Specification of Programmable Wait One-Shot Generation
Mode Specifications;
Count Operation; “
• When a count completes, ...” → “• When a count
stops, ...” revised
112
Table 13.10
Specification of Programmable Wait One-Shot Generation
Mode Specifications;
NOTE1, 2, 3 revised
116
Figure 13.25 Block Diagram of CMP Waveform Output Unit revised
123
Table 13.12 Specification of Output Compare Mode NOTE1 revised
124
Figure 13.31 Operating Example of Timer C in Output Compare Mode
revised
127
Figure 14.3 U0TB, U0RB and U0BRG Registers;
U0TB and U0RB Registers revised, U0BRG Register NOTE3 added
128
Figure 14.4 U0MR and U0C0 Registers;
U0C0 Register NOTE1 added
136
Table 14.5 Registers to Be Used and Settings in UART Mode;
U0BRG: “
−“ → “0 to 7” revised
169
Figure 16.1 Block Diagram of A/D Converter “Vref“
→ “Vcom” revised
170, 173,
175
Figure 16.2 ADCON0 and ADCON1 Registers,
Figure 16.4 ADCON0 and ADCON1 Registers in One-Shot Mode,
Figure 16.5 ADCON0 and ADCON1 Registers in Repeat Mode;
ADCON0 Register revised
176 to
178
Figure 16.6 Timing Diagram of A/D Conversion revised and
16.4 A/D Conversion Cycles to 16.6 Inflow Current Bypass Circuit added
180, 181 Figure 17.1 Configuration of Programmable I/O Ports (1),
Figure 17.2 Configuration of Programmable I/O Ports (2); NOTE1 added
182
Figure 17.3 Configuration of Programmable I/O Ports (3) NOTE4 added
184
Figure 17.5 PD1, PD3 and PD4 Registers,
Figure 17.6 P1, P3 and P4 Registers; NOTE1, 2 revised
185
Figure 17.7 PUR0 and PUR1 Registers revised
186 to
189
17.4 Port setting added, Table 17.4 Port P1_0/KI0/AN8/CMP0_0 Setting
to Table 17.17 Port P4_5/INT0 Setting added
191
Table 18.1 Flash Memory Version Performance;
Program and Erase Endurance: (Program area)
→ (Program ROM),
(Data area)
→ (Data flash) revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com