Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 269Page - Renesas Technology Corp R8C/14 Datasheet HTML 270Page - Renesas Technology Corp R8C/14 Datasheet HTML 271Page - Renesas Technology Corp R8C/14 Datasheet HTML 272Page - Renesas Technology Corp R8C/14 Datasheet HTML 273Page - Renesas Technology Corp R8C/14 Datasheet HTML 274Page - Renesas Technology Corp R8C/14 Datasheet HTML 275Page - Renesas Technology Corp R8C/14 Datasheet HTML 276Page - Renesas Technology Corp R8C/14 Datasheet HTML 277Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 274 / 277 page
background image
C - 9
REVISION HISTORY
R8C/14 Group, R8C/15 Group Hardware
2.00
Jan 12, 2006
193
18.2 Memory Map;
“The user ROM ... area ... Block A and B.”
→
“The user ROM ... area (program ROM) ... Block A and B (data flash).”
revised
Figure 18.1 Flash Memory Block Diagram for R8C/14 Group revised
194
Figure 18.2 Flash Memory Block Diagram for R8C/15 Group revised
196
Figure 18.4 OFS Register; NOTE1 revised, NOTE2 added
200
Figure 18.5 FMR0 Register; NOTE6 revised
201
Figure 18.6 FMR1 and FMR4 Registers; FMR4 Register NOTE2 revised
202
Figure 18.7 Timing on Suspend Operation added
203
Figure 18.8 How to Set and Exit EW0 Mode and Figure 18.9 How to Set
and Exit EW1 Mode revised
208
Figure 18.13 Block Erase Command (When Using Erase-Suspend
Function) revised
211
Figure 18.14 Full Status Check and Handling Procedure for Each Error
revised
212 to
213
18.5 Standard Serial I/O Mode revised
214
Figure 18.15 Pin Connections for Standard Serial I/O Mode 3;
Figure title revised
215
Figure 18.16 Pin Process in Standard Serial I/O Mode
→ Figure 18.16
Pin Process in Standard Serial I/O Mode 2 revised,
Figure 18.17 Pin Process in Standard Serial I/O Mode 3 added
219
Table 19.4 Flash Memory (Program ROM) Electrical Characteristics;
• NOTES 1 to 7 added
• “Topr” = “Ambient temperature”
220
Table 19.5 Flash Memory (Data flash Block A, Block B) Electrical
Characteristics;
• revised
• “Topr” = “Ambient temperature”
221
Figure 19.2 Time delay from Suspend Request until Erase Suspend
revised
222
Table 19.8 Reset Circuit Electrical Characteristics (When Using Voltage
Monitor 1 Reset ) NOTE2 revised.
Table 19.12 Timing Requirements of Clock Synchronous Serial I/O
(SSU) with Chip Select revised.
223
Table 19.10 High-speed On-Chip Oscillator Circuit Electrical
Characteristics revised
224
Figure 19.4 I/O Timing of Clock Synchronous Serial I/O (SSU) with Chip
Select (Master) revised
225
Figure 19.5 I/O Timing of Clock Synchronous Serial I/O (SSU) with Chip
Select (Slave) revised
227
Table 19.13 Electrical Characteristics (1) [VCC = 5V] revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com