Electronic Components Datasheet Search
  English  ▼

X  

32172 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 32172
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32172 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 32172 Datasheet HTML 31Page - Renesas Technology Corp 32172 Datasheet HTML 32Page - Renesas Technology Corp 32172 Datasheet HTML 33Page - Renesas Technology Corp 32172 Datasheet HTML 34Page - Renesas Technology Corp 32172 Datasheet HTML 35Page - Renesas Technology Corp 32172 Datasheet HTML 36Page - Renesas Technology Corp 32172 Datasheet HTML 37Page - Renesas Technology Corp 32172 Datasheet HTML 38Page - Renesas Technology Corp 32172 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 875 page
background image
1
1-14
Rev.1.0
Table 1.3.1 Description of Pin Functions (3/6)
Classification Pin Name
Description
Type
Function
PD controller TIN0A, TIN0B Timer input
Input
PD0 sensor interface and timer input pin.
TIN1A, TIN1B Timer input
Input
PD1 sensor interface and timer input pin.
A-D converter AVCC0
Analog power
––
AVCC0 is the power supply for the A-D and D-A
supply
converters. Connect AVCC0 to the power supply (5 V).
AVSS0
Analog ground
––
AVSS0 is the analog ground for the A-D and D-A
converters. Connect AVSS0 to ground.
VREF0
Reference voltage
Input
VREF0 is the reference voltage input pin for the A-D
input
and D-A converters (5 V).
AD0IN0
Analog input
Input
8-channel analog input pins for the A-D0 converter.
– AD0IN7
AD1IN0
Analog input
Input
4-channel analog input pins for the A-D1 converter.
– AD1IN3
(/AD0IN8)
Analog input
Input
20-channel analog input pins used to monitor the pin levels.
– (AD0IN15,)
(/AD1IN4)
– (/AD1IN15)
D-A
DA0
Analog output
Output Analog output pin for the D-A0 converter.
converter
DA1
Analog output
Output Analog output pin for the D-A1 converter.
Serial I/O
SCLKI0/
UART transmit/
Input/
For UART mode: These pins output a clock derived
SCLKO0,
receive clock
Output from BRG by dividing it by 2.
SCLKI1/
output or CSIO
For CSIO mode: These pins accept as input the
SCLKO1
transmit/receive
transmit/receive clock when an external clock is selected
clock input/output
or output the transmit/receive clock when an internal
clock is selected
Overview
1.3 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com