Electronic Components Datasheet Search
  English  ▼

X  

32172 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 32172
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32172 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 32172 Datasheet HTML 36Page - Renesas Technology Corp 32172 Datasheet HTML 37Page - Renesas Technology Corp 32172 Datasheet HTML 38Page - Renesas Technology Corp 32172 Datasheet HTML 39Page - Renesas Technology Corp 32172 Datasheet HTML 40Page - Renesas Technology Corp 32172 Datasheet HTML 41Page - Renesas Technology Corp 32172 Datasheet HTML 42Page - Renesas Technology Corp 32172 Datasheet HTML 43Page - Renesas Technology Corp 32172 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 875 page
background image
1
1-19
Rev.1.0
Overview
1.4 Pin Layout
Table 1.4.1 Pin Arrangement of the 144LQFP Package (1/2)
No.
Pin Name
No.
Pin Name
No.
Pin Name
1
P221/CRX0
31
P05/DB5
61
VCCI
2
___
P225/A12/CS2
32
P06/DB6
62
VSS
3
OSC-VSS
33
P07/DB7
63
P174/TXD2
4
XIN
34
P10/DB8
64
P175/RXD2
5
XOUT
35
P11/DB9
65
VCCE
6
OSC-VCC
36
P12/DB10
66
P82/TXD0
7
VCNT
37
P13/DB11
67
P83/RXD0
8
P30/A15
38
P14/OB12
68
P84/SCLKI0/SCLKO0
9
P31/A16
39
P15/DB13
69
P85/TXD1
10
P32/A17
40
P16/DB14
70
P86/RXD1
11
P33/A18
41
P17/DB15
71
P87/SCLKI1/SCLKO1
12
P34/A19
42
VREF0
72
VSS
13
P35/A20
43
AVCC0
73
FVCC
14
P36/A21
44
AD0IN0
74
P61
15
P37/A22
45
AD0IN1
75
P62
16
P20/A23
46
AD0IN2
76
P63
17
P21/A24
47
AD0IN3
77
___
P64/SBI
18
P22/A25
48
AD0IN4
78
__
P70/BCLK/WR
19
P23/A26
49
AD0IN5
79
____
P71/WAIT
20
VCCE
50
AD0IN6
80
____
P72/HREQ
21
VSS
51
AD0IN7
81
____
P73/HACK/TXD3
22
P24/A27
52
AD1IN0
82
P74/RTDTXD
23
P25/A28
53
AD1IN1
83
P75/RTDRXD
24
P26/A29
54
AD1IN2
84
P76/RTDACK
25
P27/A30
55
AD1IN3
85
P77/RTDCLK
26
P00/DB0
56
DA0 (/AD1IN4)
86
P93/RXD3 (/AD0IN8)
27
P01/DB1
57
DA1 (/AD1IN5)
87
P94/TXD6
28
P02/DB2
58
P172/TIN10 (/AD1IN6)
88
P95/RXD6 (/AD1IN8)
29
P03/DB3
59
P173/TIN11 (/AD1IN7)
89
P96/CTX1
30
P04/DB4
60
AVSS0
90
P97/CRX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com