Electronic Components Datasheet Search
  English  ▼

X  

32172 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 32172
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32172 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 32172 Datasheet HTML 26Page - Renesas Technology Corp 32172 Datasheet HTML 27Page - Renesas Technology Corp 32172 Datasheet HTML 28Page - Renesas Technology Corp 32172 Datasheet HTML 29Page - Renesas Technology Corp 32172 Datasheet HTML 30Page - Renesas Technology Corp 32172 Datasheet HTML 31Page - Renesas Technology Corp 32172 Datasheet HTML 32Page - Renesas Technology Corp 32172 Datasheet HTML 33Page - Renesas Technology Corp 32172 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 875 page
background image
1
1-9
Rev.1.0
Overview
1.2 Block Diagram
Table 1.2.3
Features of Internal Peripheral I/Os
Functional Block
Features
DMA
• 10-channel DMA
• Supports data transfer between internal peripheral I/Os, between internal RAMs,
and between internal peripheral I/O and internal RAM
• Capable of fast DMA transfer when used in combination with internal peripheral I/O
• Capable of cascaded operation between DMA channels (starting DMA transfer on
a channel at the end of transfer on another)
Timer
• 26-channel multifunction timers
• 16 channels of 16-bit output related timers, 6 channels of 16-bit input related
timers, and 4 channels of 32-bit input related timers
• Flexible timer configuration is possible by interconnecting each timer channel
A-D converter
• One 8-channel A-D converter and one 4-channel A-D converter, both capable of
10-bit resolution
• Supports comparator mode
• Can generate an interrupt or start DMA transfer at completion of A-D conversion
• Can monitor pin levels on a total of 20 channels (with reduced accuracy, however)
Serial I/O
• 8-channel serial I/O
• Can be set for clock-synchronized serial I/O or UART
• Capable of fast data transfer at 2 Mbits/second during clock-synchronized mode or
156 Kbits/second during UART mode
Real-time debugger
• Can rewrite/monitor the internal RAM by command input from the outside,
independently of the CPU
• Comes with dedicated clock-synchronized serial port
Interrupt controller
• Controls interrupt requests from internal peripheral I/Os
• Eight priority levels including interrupt-disabled state
Wait controller
• Controls wait state when accessing external extended area
• Inserts 1 to 4 wait cycles by software setting + extends wait period by external
____
WAIT signal input
Clock PLL
• Multiply-by-4 clock generating circuit
• CPU clock of maximum 40 MHz (CPU, internal ROM, and internal RAM access)
• Internal peripheral clock of maximum 20 MHz (peripheral module access)
• Maximum external input clock frequency of 10.0 MHz
D-A converter
• Two channels of 8-bit resolution D-A converters
D-A0 converter: D-A output, successive data output function, 256-byte output
buffer available
D-A1 converter: D-A output only
PD Controller
• Two blocks of PD sensor-accommodating timers and various arithmetic circuits for
position predictive operation
• 16-bit input measurement timer: 4 channels; 16-bit input related timer: 4 channels
• When not using the PD circuit, the above timers can be used as input
measurement timers or input event counters
CAN
• Two blocks of CAN modules, each with 16-channel message slots
JTAG
• Boundary scan function, Mitsubishi original SDI debug function included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com