Electronic Components Datasheet Search
  English  ▼

X  

32172 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 32172
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32172 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 32172 Datasheet HTML 71Page - Renesas Technology Corp 32172 Datasheet HTML 72Page - Renesas Technology Corp 32172 Datasheet HTML 73Page - Renesas Technology Corp 32172 Datasheet HTML 74Page - Renesas Technology Corp 32172 Datasheet HTML 75Page - Renesas Technology Corp 32172 Datasheet HTML 76Page - Renesas Technology Corp 32172 Datasheet HTML 77Page - Renesas Technology Corp 32172 Datasheet HTML 78Page - Renesas Technology Corp 32172 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 875 page
background image
3
3-16
Rev.1.0
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
D0
D7 D8
D15
P2 Direction Register (P2DIR)
P3 Direction Register (P3DIR)
P4 Direction Register (P4DIR)
P6 Direction Register (P6DIR)
P7 Direction Register (P7DIR)
P8 Direction Register (P8DIR)
P9 Direction Register (P9DIR)
P10 Direction Register (P10DIR)
P11 Direction Register (P11DIR)
P15 Direction Register (P15DIR)
H’0080 0724
H’0080 0722
H’0080 0728
H’0080 0726
H’0080 072C
H’0080 072A
H’0080 0730
H’0080 072E
H’0080 0746
H’0080 074A
H’0080 0748
H’0080 074E
H’0080 074C
P7 Operation Mode Register (P7MOD)
P8 Operation Mode Register (P8MOD)
P9 Operation Mode Register (P9MOD)
P10 Operation Mode Register (P10MOD)
P11 Operation Mode Register (P11MOD)
P12 Operation Mode Register (P12MOD)
P13 Operation Mode Register (P13MOD)
P15 Operation Mode Register (P15MOD)
P17 Direction Register (P17DIR)
H’0080 0750
P17 Operation Mode Register (P17MOD)
H’0080 07E0
H’0080 07E2
H’0080 07E4
H’0080 07E8
H’0080 07E6
H’0080 0744
Port Input Function Enable Register (PIEN)
P22 Data Register (P22DATA)
H’0080 0716
H’0080 0720
H’0080 0736
P22 Direction Register (P22DIR)
H’0080 0752
H’0080 0754
H’0080 0756
P22 Operation Mode Register (P22MOD)
Bus Mode Control Register (BUSMODC)
P0 Direction Register (P0DIR)
P1 Direction Register (P1DIR)
H’0080 077E
Flash Mode Register (FMOD)
Flash Control Register 1 (FCNT1)
Flash Status Register 1 (FSTAT1)
Flash Control Register 2 (FCNT2)
Flash Control Register 3 (FCNT3)
Flash Control Register 4 (FCNT4)
Virtual-flash L Bank Register 0 (FELBANK0)
Virtual-flash L Bank Register 2 (FELBANK2)
H’0080 0742
H’0080 0740
P0 Operation Mode Register (P0MOD)
P2 Operation Mode Register (P2MOD)
P4 Operation Mode Register (P4MOD)
P1 Operation Mode Register (P1MOD)
P3 Operation Mode Register (P3MOD)
P4 Peripheral Output Select Register (P4SMOD)
P7 Peripheral Output Select Register (P7SMOD)
P10-P11 Peripheral Output Select Register (P1011SMOD)
P15 Peripheral Output Select Register (P15SMOD)
H’0080 0766
H’0080 0764
H’0080 076A
H’0080 0768
H’0080 076C
H’0080 076E
H’0080 07EA
H’0080 07EE
H’0080 07EC
H’0080 07A4
PWM Output Disable Register 0 (PWMOFF0)
PWM Output Disable Control Register 0 (PLVCNT0)
H’0080 0776
P22 Peripheral Output Select Register (P22SMOD)
Virtual-flash L Bank Register 1 (FELBANK1)
H’0080 07F2
H’0080 07F0
Virtual-flash S Bank Register 0 (FESBANK0)
Virtual-flash S Bank Register 1 (FESBANK1)
H’0080 07A2
H’0080 07A0
PWM Output Disable Register 1 (PWMOFF1)
PWM Output Disable Control Register 1 (PLVCNT1)
+0 address
+1 address
Address
Blank areas are reserved for future use.
Figure 3.4.8 Register Mapping of the SFR Area (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com