Electronic Components Datasheet Search
  English  ▼

X  

32172 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # 32172
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32172 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button 32172 Datasheet HTML 63Page - Renesas Technology Corp 32172 Datasheet HTML 64Page - Renesas Technology Corp 32172 Datasheet HTML 65Page - Renesas Technology Corp 32172 Datasheet HTML 66Page - Renesas Technology Corp 32172 Datasheet HTML 67Page - Renesas Technology Corp 32172 Datasheet HTML 68Page - Renesas Technology Corp 32172 Datasheet HTML 69Page - Renesas Technology Corp 32172 Datasheet HTML 70Page - Renesas Technology Corp 32172 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 875 page
background image
3
3-8
Rev.1.0
ADDRESS SPACE
3.3 Internal ROM and External Extended Areas
3.3 Internal ROM and External Extended Areas
The 8-Mbyte area in user space addresses from H'0000 0000 to H'007F FFFF is used for the
internal ROM and external extended areas.
For details on how the locations of the internal ROM and external extended areas vary depending
on 32172/32173 operation mode settings, refer to Section 3.2, "Operation Modes."
3.3.1 Internal ROM Area
The internal ROM is allocated to the addresses listed below. Located at the beginning of this area
is the EIT vector entry (and ICU vector table).
Table 3.3.1 Internal ROM Area
Type Name
Size
Location Address
M32172F2 , M32173F2
256 Kbytes
H'0000 0000-H'0003 FFFF
3.3.2 External Extended Area
The external extended area is available only when external extended or processor mode is
selected for the chip operation mode. For access to the external extended area, the 32172/32173
outputs the control signals that are required for accessing an external device.
___ ___ ___
___
The 32172/32173's CS0, CS1, CS2, and CS3 signals are output according to the address into
___
which the external extended area is mapped. Namely, the CS0 signal is output for the CS0 area,
___
___
___
the CS1 signal is output for the CS1 area, the CS2 sognal is output for the CS2 area, and the CS3
signal is output for the CS3 area.
Table 3.3.2 Address Mapping of the External Extended Area in Each Operation Mode of the
32172/32173
Operation Mode
Address Mapping of External Extended Area
Single-chip mode
None
External extended mode
Addresses H'0010 0000 to H'001F FFFF (CS0 area: 1 Mbytes)
Addresses H'0020 0000 to H'003F FFFF (CS1 area: 2 Mbytes)
Addresses H'0040 0000 to H'005F FFFF (CS2 area: 2 Mbytes)
Addresses H'0060 0000 to H'007F FFFF (CS3 area: 2 Mbytes)
Processor mode
Addresses H'0000 0000 to H'001F FFFF (CS0 area: 2 Mbytes)
Addresses H'0020 0000 to H'003F FFFF (CS1 area: 2 Mbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com