Electronic Components Datasheet Search
  English  ▼

X  

32172 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 32172
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32172 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 32172 Datasheet HTML 68Page - Renesas Technology Corp 32172 Datasheet HTML 69Page - Renesas Technology Corp 32172 Datasheet HTML 70Page - Renesas Technology Corp 32172 Datasheet HTML 71Page - Renesas Technology Corp 32172 Datasheet HTML 72Page - Renesas Technology Corp 32172 Datasheet HTML 73Page - Renesas Technology Corp 32172 Datasheet HTML 74Page - Renesas Technology Corp 32172 Datasheet HTML 75Page - Renesas Technology Corp 32172 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 875 page
background image
3
3-13
Rev.1.0
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
H'0080 00DA
H'0080 00DC
H'0080 00DE
H'0080 00E0
H'0080 00E4
H'0080 00E6
H'0080 00E8
H'0080 00EA
H'0080 00EC
H'0080 00EE
H'0080 0100
H'0080 0102
H'0080 0110
H'0080 0112
H'0080 0114
H'0080 0116
H'0080 0120
H'0080 0126
H'0080 0122
H'0080 0130
SIO0 Baud Rate Register (S0BAUR)
SIO0 Transmit Buffer Register (S0TXB)
SIO0 Receive Buffer Register (S0RXB)
SIO23 Interrupt Status Register (SI23STAT)
8-bit A-D0 Data Register 5 (AD08DT5)
8-bit A-D0 Data Register 6 (AD08DT6)
8-bit A-D0 Data Register 7 (AD08DT7)
8-bit A-D0 Data Register 8 (AD08DT8)
8-bit A-D0 Data Register 9 (AD08DT9)
8-bit A-D0 Data Register 10 (AD08DT10)
8-bit A-D0 Data Register 11 (AD08DT11)
8-bit A-D0 Data Register 12 (AD08DT12)
8-bit A-D0 Data Register 13 (AD08DT13)
8-bit A-D0 Data Register 14 (AD08DT14)
8-bit A-D0 Data Register 15 (AD08DT15)
H'0080 0132
H'0080 0134
H'0080 0136
H'0080 0180
H'0080 00E2
SIO03 Interrupt Mask Register (SI03MASK)
SIO03 Receive Interrupt Cause Select Register (SI03SEL)
SIO0 Transmit Control Register (S0TCNT)
SIO0 Transmit/Receive Mode Register (S0MOD)
SIO0 Receive Control Register (S0RCNT)
H'0080 0124
SIO1 Baud Rate Register (S1BAUR)
SIO1 Transmit Buffer Register (S1TXB)
SIO1 Receive Buffer Register (S1RXB)
SIO1 Transmit Control Register (S1TCNT)
SIO1 Transmit/Receive Mode Register (S1MOD)
SIO1 Receive Control Register (S1RCNT)
SIO2 Baud Rate Register (S2BAUR)
SIO2 Transmit Buffer Register (S2TXB)
SIO2 Receive Buffer Register (S2RXB)
SIO2 Transmit Control Register (S2TCNT)
SIO2 Transmit/Receive Mode Register (S2MOD)
SIO2 Receive Control Register (S2RCNT)
Wait Cycles Control Register (WTCCR)
H'0080 00D2
H'0080 00D4
H'0080 00D6
H'0080 00D8
8-bit A-D0 Data Register 1 (AD08DT1)
8-bit A-D0 Data Register 2 (AD08DT2)
8-bit A-D0 Data Register 3 (AD08DT3)
8-bit A-D0 Data Register 4 (AD08DT4)
D0
D7 D8
D15
H'0080 0140
H'0080 0142
H'0080 0144
H'0080 0146
SIO3 Transmit/Receive Mode Register (S3MOD)
SIO3 Transmit Control Register (S3TCNT)
SIO3 Transmit Buffer Register (S3TXB)
SIO3 Receive Buffer Register (S3RXB)
SIO3 Baud Rate Register (S3BAUR)
SIO3 Receive Control Register (S3RCNT)
+0 address
+1 address
Address
Blank areas are reserved for future use.
Figure 3.4.5 Register Mapping of the SFR Area (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com