Electronic Components Datasheet Search
  English  ▼

X  

32172 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 32172
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32172 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 32172 Datasheet HTML 34Page - Renesas Technology Corp 32172 Datasheet HTML 35Page - Renesas Technology Corp 32172 Datasheet HTML 36Page - Renesas Technology Corp 32172 Datasheet HTML 37Page - Renesas Technology Corp 32172 Datasheet HTML 38Page - Renesas Technology Corp 32172 Datasheet HTML 39Page - Renesas Technology Corp 32172 Datasheet HTML 40Page - Renesas Technology Corp 32172 Datasheet HTML 41Page - Renesas Technology Corp 32172 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 875 page
background image
1
1-17
Rev.1.0
Table 1.3.1 Description of Pin Functions (6/6)
Classification Pin Name
Description
Type
Function
Input/output
P41-P47
Input/output port 4
Input/Output
Programmable input/output port.
port
P61-P64
Input/output port 6
Input/Output
Programmable input/output port.
(Note 1)
(However, P64 is an input-only port.)
P70-P77
Input/output port 7
Input/Output
Programmable input/output port.
P82-P87
Input/output port 8
Input/Output
Programmable input/output port.
P93-P97
Input/output port 9
Input/Output
Programmable input/output port.
(However, P93 and P97 are input-only ports.)
P100-P107
Input/output port 10 Input/Output
Programmable input/output port.
P110-P117
Input/output port 11 Input/Output
Programmable input/output port.
P124-P127
Input/output port 12 Input/Output
Input-only port.
P130-P137
Input/output port 13 Input/Output
Input-only port.
P150, P153
Input/output port 15 Input/Output
Programmable input/output port.
P172-P175
Input/output port 17 Input/Output
Programmable input/output port.
(However, P172 and P173 are input-only pins.)
P220,P221
Input/output port 22 Input/Output
Programmable input/output port.
P225 (Note 2)
(However, P22 is a CAN input-only pin.)
Note 1: Input/output port 5 is reserved for future use. Input/output ports 14, 16, 18, 19, 20, and 21 are
nonexistent.
Note 2: Use of P225 requires caution because it has a debug event function.
Overview
1.3 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com