Electronic Components Datasheet Search
  English  ▼

X  

32172 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 32172
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32172 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 32172 Datasheet HTML 69Page - Renesas Technology Corp 32172 Datasheet HTML 70Page - Renesas Technology Corp 32172 Datasheet HTML 71Page - Renesas Technology Corp 32172 Datasheet HTML 72Page - Renesas Technology Corp 32172 Datasheet HTML 73Page - Renesas Technology Corp 32172 Datasheet HTML 74Page - Renesas Technology Corp 32172 Datasheet HTML 75Page - Renesas Technology Corp 32172 Datasheet HTML 76Page - Renesas Technology Corp 32172 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 875 page
background image
3
3-14
Rev.1.0
ADDRESS SPACE
3.4 Internal RAM and SFR Areas
D0
D7 D8
D15
DMA0-4 Interrupt Mask Register (DM04ITMK)
DMA0 Channel Control Register (DM0CNT)
DMA0 Transfer Count Register (DM0TCT)
DMA0 Source Address Register (DM0SA)
DMA0 Destination Address Register (DM0DA)
DMA1 Channel Control Register (DM1CNT)
DMA1 Transfer Count Register (DM1TCT)
DMA1 Source Address Register (DM1SA)
DMA1 Destination Address Register (DM1DA)
H’0080 0412
H’0080 0414
H’0080 0416
H’0080 0418
H’0080 041A
H’0080 041C
H’0080 0410
H’0080 041E
H’0080 0422
H’0080 0424
H’0080 0426
H’0080 0428
H’0080 0420
DMA0-4 Interrupt Request Status Register (DM04ITST)
H’0080 0400
H’0080 0408
DMA5-9 Interrupt Mask Register (DM59ITMK)
DMA5-9 Interrupt Request Status Register (DM59ITST)
DMA5 Channel Control Register (DM5CNT)
DMA5 Transfer Count Register (DM5TCT)
DMA5 Source Address Register (DM5SA)
DMA5 Destination Address Register (DM5DA)
DMA6 Channel Control Register (DM6CNT)
DMA6 Transfer Count Register (DM6TCT)
H’0080 042A
H’0080 042C
H’0080 042E
DMA6 Source Address Register (DM6SA)
DMA6 Destination Address Register (DM6DA)
DMA0 Request Cause Extension Register (DM0REQ)
DMA5 Request Cause Extension Register (DM5REQ)
DMA1 Request Cause Extension Register (DM1REQ)
DMA6 Request Cause Extension Register (DM6REQ)
+0 address
+1 address
Address
Blank areas are reserved for future use.
Figure 3.4.6 Register Mapping of the SFR Area (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com