Electronic Components Datasheet Search
  English  ▼

X  

32172 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 32172
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32172 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 32172 Datasheet HTML 20Page - Renesas Technology Corp 32172 Datasheet HTML 21Page - Renesas Technology Corp 32172 Datasheet HTML 22Page - Renesas Technology Corp 32172 Datasheet HTML 23Page - Renesas Technology Corp 32172 Datasheet HTML 24Page - Renesas Technology Corp 32172 Datasheet HTML 25Page - Renesas Technology Corp 32172 Datasheet HTML 26Page - Renesas Technology Corp 32172 Datasheet HTML 27Page - Renesas Technology Corp 32172 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 875 page
background image
1
1-3
Rev.1.0
Overview
1.1 Overview
1.1.2 Built-in Multiply-Accumulate Operation Function
(1) Built in high-speed multiplier
• The M32R incorporates a 32-bit x 16-bit high-speed multiplier/accumulator which allows the
processor to execute a 32-bit x 32-bit integer multiplication instruction in three cycles (one
cycle is 25 ns when CPU memory clock = 40 MHz).
(2) Supports Multiply-Accumulate operation instructions comparable to DSP
• The M32R supports the following four modes of Multiply-Accumulate operation instructions (or
multiplication instructions) based on a 56-bit accumulator:
16 high-order register bits x 16 high-order register bits
16 low-order register bits x 16 low-order register bits
All 32 register bits x 16 high-order register bits
All 32 register bits x 16 low-order register bits
• The M32R has instructions to round off the value stored in the accumulator to 16 or 32 bits, as
well as instructions to shift the accumulator value to adjust digits and store the digit-adjusted
value in a register. These instructions also can be executed in one cycle, so that when
combined with high-speed data transfer instructions such as Load & Address Update and
Store & Address Update, they enable the M32R to exhibit high data processing capability
comparable to that of DSP.
1.1.3 Built-in Flash Memory and RAM
• The 32172/32173 contains flash memory and RAM that can be accessed with no wait states,
making it possible to build a high-speed embedded system.
• The internal flash memory allows for on-board programming (you can write to it while being
mounted on the printed circuit board). Use of flash memory means the chip engineered at the
development phase can be used directly in mass-production, so that you can smoothly migrate
from prototype to mass-production without changing the printed circuit board.
• The internal flash memory can be rewritten 100 times.
• The internal flash memory has a virtual-flash emulation function, allowing the internal RAM
tobe artificially mapped into part of the internal flash memory. This function, when combined
with the internal Real-Time Debugger (RTD), facilitates data tuning on ROM tables.
• The internal RAM can be accessed for read or rewrite from an external device independently of
the M32R by using RTD (real-time debugger). It is communicated with external devices by
RTD's exclusive clock-synchronized serial I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com