Electronic Components Datasheet Search
  English  ▼

X  

32172 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 32172
Description  32-bit RISC Single-chip Microcomputers
PDF  875 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32172 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 32172 Datasheet HTML 33Page - Renesas Technology Corp 32172 Datasheet HTML 34Page - Renesas Technology Corp 32172 Datasheet HTML 35Page - Renesas Technology Corp 32172 Datasheet HTML 36Page - Renesas Technology Corp 32172 Datasheet HTML 37Page - Renesas Technology Corp 32172 Datasheet HTML 38Page - Renesas Technology Corp 32172 Datasheet HTML 39Page - Renesas Technology Corp 32172 Datasheet HTML 40Page - Renesas Technology Corp 32172 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 875 page
background image
1
1-16
Rev.1.0
Table 1.3.1 Description of Pin Functions (5/6)
Classification Pin Name Description
Type
Function
Real-time
RTDTXD
Transmit data
Output
Serial data output pin for the real-time debugger.
debugger
RTDRXD
Received data
Input
Serial data input pin for the real-time debugger.
RTDCLK
Clock input
Input
Serial data transmit/receive clock input pin for
the real-time debugger.
RTDACK
Acknowledge
Output
Outputs a low-level pulse synchronously with the
first clock cycle of the real-time debugger's serial
data output word. The low-level pulse width
indicates the type of command/data received by
the real-time debugger.
Flash only
FP
Flash Protect
Input
This is a mode pin which has the function to
protect the flash memory against E/W in hardware.
CAN
CTX0,CTX1 Data output
Output
These pins output the data from the CAN module.
CRX0,CRX1 Data input
Input
These pins take in the data for the CAN module.
JTAG
JTMS
Test mode
Input
Test mode select input to control the state
transition of the test circuit.
JTCK
Clock
Input
Clock input for the debug module and test circuit.
JTRST
Test reset
Input
Test reset input to initialize the test circuit
asynchronously.
JTDI
Serial input
Input
This pin takes in the test instruction code or
test data serially.
JTDO
Serial output
Output
This pin outputs the test instruction code or
test data serially.
Input/output
P00-P07
Input/output port 0 Input/Output
Programmable input/output port.
port
P10-P17
Input/output port 1 Input/Output
Programmable input/output port.
(Note)
P20-P27
Input/output port 2 Input/Output
Programmable input/output port.
P30-P37
Input/output port 3 Input/Output
Programmable input/output port.
Overview
1.3 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com