Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 185 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 185 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 181Page - ATMEL Corporation ATmega32U2 Datasheet HTML 182Page - ATMEL Corporation ATmega32U2 Datasheet HTML 183Page - ATMEL Corporation ATmega32U2 Datasheet HTML 184Page - ATMEL Corporation ATmega32U2 Datasheet HTML 185Page - ATMEL Corporation ATmega32U2 Datasheet HTML 186Page - ATMEL Corporation ATmega32U2 Datasheet HTML 187Page - ATMEL Corporation ATmega32U2 Datasheet HTML 188Page - ATMEL Corporation ATmega32U2 Datasheet HTML 189Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 314 page
background image
185
7799B–AVR–07/09
ATmega8U2/16U2/32U2
20. USB Controller
20.1
Features
• USB 2.0 Full-speed device
• Ping-pong mode (dual bank), with transparent switch
• 176 bytes of DPRAM
– 1 endpoint of 64 bytes max (default control endpoint)
– 2 endpoints of 64 bytes max (one bank)
– 2 endpoints of 64 bytes max (one or two banks)
20.2
Overview
The USB controller provides the hardware to implement a USB2.0 compliant Full-Speed USB
device in the ATmega8U2/16U2/32U2. A simplified block diagram of the USB controller is shown
in Figure 20-1 on page 185.
The USB controller requires a 48 MHz ±0.25% reference clock for USB Full-Speed compliance.
This clock is generated by an internal PLL. The reference clock to the PLL must be provided
from an external crystal or an external clock input. Only these two clock options will be able to
provide a reference clock within the accuracy and jitter requirements of the USB specification.
See section “ S ystem Clock and Clock Options” on page 26 for details on the
ATmega8U2/16U2/32U2 system clock and clock options.
To comply to the USB specifications electrical characteristics, the USB Pads (D+ or D-) must be
powered at 3.0V to 3.6V. As the ATmega8U2/16U2/32U2 can be powered up to 5.5V, an inter-
nal regulator is provided to correctly power the USB pads. See “USB Module Powering Options”
on page 186 for details on the powering options available for the USB controller
Figure 20-1. USB controller Block Diagram
CPU
Regulator
USB
Interface
PLL
6x
clk
8MHz
clk
48MHz
PLL clock
Prescaler
On-Chip
USB DPRAM
DPLL
Clock
Recovery
UCAP
D-
D+
UVCC
XTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com