Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 186 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 186 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 182Page - ATMEL Corporation ATmega32U2 Datasheet HTML 183Page - ATMEL Corporation ATmega32U2 Datasheet HTML 184Page - ATMEL Corporation ATmega32U2 Datasheet HTML 185Page - ATMEL Corporation ATmega32U2 Datasheet HTML 186Page - ATMEL Corporation ATmega32U2 Datasheet HTML 187Page - ATMEL Corporation ATmega32U2 Datasheet HTML 188Page - ATMEL Corporation ATmega32U2 Datasheet HTML 189Page - ATMEL Corporation ATmega32U2 Datasheet HTML 190Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 314 page
background image
186
7799B–AVR–07/09
ATmega8U2/16U2/32U2
20.3
USB Module Powering Options
Depending on the selected target application power supply (V
CC), the ATmega8U2/16U2/32U2
USB controller requires different powering schemes, see Figure 20-2 on page 186.
Figure 20-2. Operating modes versus frequency and power-supply
20.3.1
Bus Powered device
The folowing figures show typical iomplementations for different powering schemes.
Figure 20-3. Typical Bus powered application with 5V I/O
VCC (V)
VCC min
0
3.0
4.0
5.5
USB not operational
USB compliant,
without internal regulator
USB compliant,
with internal regulator
4.5
2.7
Max
Operating Frequency (MHz)
8 MHz
16 MHz
2 MHz
3.6
1µF
UDM
UDP
VBUS
UVSS
UCAP
D-
D+
UVCC
VCC
UVSS
VSS
XTAL1
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com