| Electronic Components Datasheet Search |
|
ATmega32U2 Datasheet(PDF) 190 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega32U2 Datasheet(HTML) 190 Page - ATMEL Corporation |
|
190 / 314 page ![]() 190 7799B–AVR–07/09 ATmega8U2/16U2/32U2 When the USB controller is in reset state: • USBE is not set • the USB controller clock is stopped in order to minimize the power consumption (FRZCLK=1) • the USB controller is disabled • USB is in the suspend mode • the Device USB controllers internal state is reset • The DPACC bit and the DPADD10:0 field can be set by software. The DPRAM is not cleared. • The SPDCONF bits can be set by software After setting USBE, the USB Controller enters in the Device state. The USB Controller can at any time be reset by clearing USBE. 20.4.3 Interrupts Two interrupts vectors are assigned to the USB controller. Figure 20-8. USB Interrupt System The USB module distinguishes between USB General events and USB Endpoints events. Figure 20-9. USB General interrupt vector sources The WAKEUP interrupt allows device wake-up from power-down mode, and is an asynchronous interrupt, triggering each time a state change is detected on the data lines. The other interrupts are synchronous and will be detected only if the USB clock is enabled (FRZCLK bit set). USB Device Interrupt USB General Interrupt Vector Endpoint Interrupt USB Endpoint/Pipe Interrupt Vector UPRSMI UDINT.6 UPRSME UDIEN.6 EORSMI UDINT.5 EORSME UDIEN.5 WAKEUPI UDINT.4 WAKEUPE UDIEN.4 EORSTI UDINT.3 EORSTE UDIEN.3 SOFI UDINT.2 SOFE UDIEN.2 SUSPI UDINT.0 SUSPE UDIEN.0 USB General Interrupt Vector Asynchronous Interrupt source (allows the CPU to wake up from power down mode) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |