Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 194 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 194 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 190Page - ATMEL Corporation ATmega32U2 Datasheet HTML 191Page - ATMEL Corporation ATmega32U2 Datasheet HTML 192Page - ATMEL Corporation ATmega32U2 Datasheet HTML 193Page - ATMEL Corporation ATmega32U2 Datasheet HTML 194Page - ATMEL Corporation ATmega32U2 Datasheet HTML 195Page - ATMEL Corporation ATmega32U2 Datasheet HTML 196Page - ATMEL Corporation ATmega32U2 Datasheet HTML 197Page - ATMEL Corporation ATmega32U2 Datasheet HTML 198Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 314 page
background image
194
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Moreover, the pad can also be put in the Idle mode if the DETACH bit is set. It come back in the
Active mode when the DETACH bit is cleared.
20.8
D+/D- Read/write
The level of D+ and D- can be read and written using the UPOE register. The USB controller has
to be enabled to write a value. For read operation, the USB controller can be enabled or
disabled.
20.9
USB Software Operating modes
Depending on the USB operating mode, the software should perform some of the following
operations:
Power On the USB interface
• Configure PLL interface
• Enable PLL
• Check PLL lock
• Enable USB interface
• Configure USB interface (USB Endpoint 0 configuration)
• Attach USB device
Power Off the USB interface
• Detach USB device
• Disable USB interface
• Disable PLL
Suspending the USB interface
• Clear Suspend Bit
• Set USB suspend clock
• Disable PLL
SUSPI
Suspend detected = USB pad power down
Clear Suspend by software
Resume = USB pad wake-up
Clear Resume by software
WAKEUPI
PAD status
Active
Power Down
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com