Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 198 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 198 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 194Page - ATMEL Corporation ATmega32U2 Datasheet HTML 195Page - ATMEL Corporation ATmega32U2 Datasheet HTML 196Page - ATMEL Corporation ATmega32U2 Datasheet HTML 197Page - ATMEL Corporation ATmega32U2 Datasheet HTML 198Page - ATMEL Corporation ATmega32U2 Datasheet HTML 199Page - ATMEL Corporation ATmega32U2 Datasheet HTML 200Page - ATMEL Corporation ATmega32U2 Datasheet HTML 201Page - ATMEL Corporation ATmega32U2 Datasheet HTML 202Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 314 page
background image
198
7799B–AVR–07/09
ATmega8U2/16U2/32U2
• the Rx and Tx banks are cleared and their internal pointers are restored,
• the UEINTX, UESTA0X and UESTA1X are restored to their reset value.
The data toggle field remains unchanged.
The other registers remain unchanged.
The endpoint configuration remains active and the endpoint is still enabled.
The endpoint reset may be associated with a clear of the data toggle command (RSTDT bit) as
an answer to the CLEAR_FEATURE USB command.
21.4
USB reset
When an USB reset is detected on the USB line (SEO state with a minimal duration of 100µs),
the next operations are performed by the controller:
• All the endpoints are disabled.
• The default control endpoint remains configured.
• The data toggle of the default control endpoint is cleared.
If the hardware reset function is selected, a reset is generated to the CPU core without disabling
the USB controller (that remains in the same state than after a USB Reset).
21.5
Endpoint selection
Prior to any operation performed by the CPU, the endpoint must first be selected. This is done
by setting the EPNUM[2:0] bits (in UENUM register) with the endpoint number which will be
managed by the CPU.
The CPU can then access to the various endpoint registers and data.
21.6
Endpoint activation
The endpoint is maintained under reset as long as the EPEN bit is not set.
The following flow must be respected in order to activate an endpoint:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com