Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 200 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 200 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 196Page - ATMEL Corporation ATmega32U2 Datasheet HTML 197Page - ATMEL Corporation ATmega32U2 Datasheet HTML 198Page - ATMEL Corporation ATmega32U2 Datasheet HTML 199Page - ATMEL Corporation ATmega32U2 Datasheet HTML 200Page - ATMEL Corporation ATmega32U2 Datasheet HTML 201Page - ATMEL Corporation ATmega32U2 Datasheet HTML 202Page - ATMEL Corporation ATmega32U2 Datasheet HTML 203Page - ATMEL Corporation ATmega32U2 Datasheet HTML 204Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 314 page
background image
200
7799B–AVR–07/09
ATmega8U2/16U2/32U2
UADD contains the default address 00h after a power-up or an USB reset.
ADDEN is cleared by hardware:
• after a power-up reset,
• when an USB reset is received,
• or when the macro is disabled (USBE cleared)
When this bit is cleared, the default device address 00h is used.
21.8
Suspend, Wake-up and Resume
After the USB line has been inactive for a period of 3 ms (J state), the controller set the SUSPI
flag and triggers the corresponding interrupt if enabled. The firmware may then set the FRZCLK
bit.
The CPU can also, depending on software architecture, disable the PLL and/or enter in the idle
mode to reduce the power consumption (especially in a bus powered application).
There are two ways to recover from the Suspend mode:
1.
Clear the FRZCLK bit. This is possible if the CPU is not in the Idle mode.
2.
If the CPU is in idle mode, enable the WAKEUPI interrupt (WAKEUPE set). Then, as
soon as an non-idle signal is seen by the controller, the WAKEUPI interrupt is triggered.
The firmware shall then clear the FRZCLK bit to restart the transfer.
There are no relationship between the SUSPI interrupt and the WAKEUPI interrupt: the WAKE-
UPI interrupt is triggered as soon as there are non-idle patterns on the data lines. Thus, the
WAKEUPI interrupt can occurs even if the controller is not in the “suspend” mode.
When the WAKEUPI interrupt is triggered, if the SUSPI interrupt bit was already set, it is cleared
by hardware.
When the SUSPI interrupt is triggered, if the WAKEUPI interrupt bit was already set, it is cleared
by hardware.
21.9
Detach
The reset value of the DETACH bit is 1.
It is possible to re-enumerate a device, simply by setting and clearing the DETACH bit (the line
discharge time must be taken in account).
• When the USB device controller is in full-speed mode, setting DETACH will disconnect the
pull-up on the D+. Then, clearing DETACH will connect the pull-up on the D+.
Figure 21-3. Detach a device in Full-speed:
EN=1
D +
UVREF
D -
Detach, then
Attach
EN=1
D +
UVREF
D -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com