Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U2 Datasheet(PDF) 191 Page - ATMEL Corporation

Part # ATmega32U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U2 Datasheet(HTML) 191 Page - ATMEL Corporation

Back Button ATmega32U2 Datasheet HTML 187Page - ATMEL Corporation ATmega32U2 Datasheet HTML 188Page - ATMEL Corporation ATmega32U2 Datasheet HTML 189Page - ATMEL Corporation ATmega32U2 Datasheet HTML 190Page - ATMEL Corporation ATmega32U2 Datasheet HTML 191Page - ATMEL Corporation ATmega32U2 Datasheet HTML 192Page - ATMEL Corporation ATmega32U2 Datasheet HTML 193Page - ATMEL Corporation ATmega32U2 Datasheet HTML 194Page - ATMEL Corporation ATmega32U2 Datasheet HTML 195Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 314 page
background image
191
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Figure 20-10. USB Endpoint Interrupt vector sources
Each endpoint has 8 interrupts sources associated with flags, and each source can be enabled
to trigger the corresponding endpoint interrupt.
If, for an endpoint, at least one of the sources is enabled to trigger interrupt, the corresponding
event(s) will make the program branch to the USB Endpoint Interrupt vector. The user may
determine the source (endpoint) of the interrupt by reading the “UDINT – USB Device Interrupt
Register” on page 210.
20.5
Power modes
20.5.1
Idle mode
In Idle mode, the CPU is halted (CPU clock stopped). The Idle mode is taken wether the USB
controller is running or not. The CPU can wake up on any USB interrupts.
20.5.2
Power-down
In Power-down mode, the oscillator is stopped and halts all the clocks (CPU and peripherals).
The USB controller wakes up when:
• the WAKEUPI interrupt is triggered (single asynchronous interrupt)
FLERRE
UEIENX.7
OVERFI
UESTAX.6
UNDERFI
UESTAX.5
NAKINI
UEINTX.6
NAKINE
UEIENX.6
NAKOUTI
UEINTX.4
TXSTPE
UEIENX.4
RXSTPI
UEINTX.3
TXOUTE
UEIENX.3
RXOUTI
UEINTX.2
RXOUTE
UEIENX.2
STALLEDI
UEINTX.1
STALLEDE
UEIENX.1
EPINT
UEINT.X
Endpoint 0
Endpoint 1
Endpoint 2
Endpoint 3
Endpoint 4
TXINI
UEINTX.0
TXINE
UEIENX.0
USB Endpoi
Interrupt Vec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com