Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 166 page
background image
ST7735
V1.7
26
2009-12-04
9.2 8080-series MCU parallel interface
The MCU can use one of following interfaces: 11-lines with 8-data parallel interface, 12-lines with 9-data parallel interface,
19-line with 16-data parallel interface or 21-lines with 18-data parallel interface. The chip-select CSX (active low)
enables/disables the parallel interface. RESX (active low) is an external reset signal. WRX is the parallel data write enable,
RDX is the parallel data read enable and D[17:0] is parallel data bus.
The LCD driver reads the data at the rising edge of WRX signal. The D/CX is the data/command flag. When D/CX=’1’,
D[17:0] bits is either display data or command parameter. When D/C=’0’, D[17:0] bits is command. The interface functions
of 8080-series parallel interface are given in following table.
IM2
IM1
IM0
Interface
D/CX
RDX
WRX
Read back selection
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 8-bit display data or 8-bit parameter (D7 to D0)
1
↑
1
Read 8-bit display data (D7 to D0)
1
0
0
8-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 16-bit display data or 8-bit parameter (D15 to D0)
1
↑
1
Read 16-bit display data (D15 to D0)
1
0
1
16-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 9-bit display data or 8-bit parameter (D8 to D0)
1
↑
1
Read 9-bit display data (D8 to D0)
1
1
0
9-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
0
1
↑
Write 8-bit command (D7 to D0)
1
1
↑
Write 18-bit display data or 8-bit parameter (D17 to D0)
1
↑
1
Read 18-bit display data (D17 to D0)
1
1
1
18-bit
parallel
1
↑
1
Read 8-bit parameter or status (D7 to D0)
Table 9.2.1 The function of 8080-series parallel interface
Note: applied for command code: DAh, DBh, DCh, 04h, 09h, 0Ah, 0Bh, 0Ch, 0Dh, 0Eh, 0Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com