Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 60 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 60 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 166 page
background image
ST7735
V1.7
60
2009-12-04
9.10.3 Frame Data Write Direction According to the MADCTL parameters (MV, MX and MY)
MADCTL
Parameter
Display Data
Direction
MV
MX
MY
Image in the Host
(MPU)
Image in the Driver
(DDRAM)
Normal
0
0
0
Y-Mirror
0
0
1
X-Mirror
0
1
0
X-Mirror
Y-Mirror
0
1
1
X-Y Exchange
1
0
0
X-Y Exchange
Y-Mirror
1
0
1
X-Y Exchange
X-Mirror
1
1
0
X-Y Exchange
X-Mirror
Y-Mirror
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com