Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 57 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 57 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 166 page
background image
ST7735
V1.7
57
2009-12-04
9.8.3.2 When using 132RGB x 162 resolution (GM[2:0] = “000”)
In this mode, contents of the frame memory within an area where column pointer is 00h to 83h and page pointer is 00h to
A1h is displayed. To display a dot on leftmost top corner, store the dot data at (column pointer, row pointer) = (0, 0)
1). Example for Normal Display On (MX=MY=ML=’0’, SMX=SMY=’0’)
2). Example for Partial Display On (PSL[7:0]=04h,PEL[7:0]=9Dh, MX=MV=ML=’0’ ,SMX=SMY=’0’)
132 Columns
00h 01h ---- ---- ---- ---- ---- 81h 83h
00h 00
01
02
03
0W 0X 0Y
0Z
1
01h 10
11
12
13
1W 1X 1Y
1Z
2
02h 20
21
22
2X 2Y
2Z
3
|
30
31
32
3X 3Y
3Z
|
|
40
41
42
4X 4Y
4Z
|
|
50
51
5Y
5Z
|
|
60
6Z
|
|
|
|
|
|
|
|
|
|
S0
SZ
|
|
U0 U1
UY UZ
|
|
V0 V1 V2
VX VY VZ
|
|
W0 W1 W2
WX WY WZ
|
9Fh X0 X1 X2
XX XY XZ 160
A0h Y0 Y1 Y2 Y3
YW YX YY YZ 161
A1h Z0 Z1 Z2 Z3
ZW ZX ZY ZZ 162
132 x 162 x18 bit
Fram e RAM
132 Columns
Scan
Order
00 01 02 03
0W 0X 0Y 0Z
G1
10 11 12 13
1W 1X 1Y 1Z
G2
20 21 22
2X 2Y 2Z
G3
30 31 32
3X 3Y 3Z
|
40 41 42
4X 4Y 4Z
|
50 51
5Y 5Z
|
60
6Z
|
|
|
|
|
S0
SZ
|
U0 U1
UY UZ
|
V 0 V 1 V 2
V X V Y V Z
|
W 0 W 1 W 2
W X WY WZ
|
X0 X1 X2
XX XY XZ G160
Y0 Y1 Y2 Y3
YW YX YY YZ G161
Z0 Z1 Z2 Z3
ZW ZX ZY ZZ G162
132R G B x 162
132R G B x 162
132R G B x 162
132R G B x 162
LCD Panel
LCD Panel
LCD Panel
LCD Panel
132 Columns
00h 01h ---- ---- ---- ---- ---- 81h 83h
00h 00
01
02
03
0W 0X 0Y
0Z
1
01h 10
11
12
13
1W 1X 1Y
1Z
2
02h 20
21
22
2X 2Y
2Z
3
|
30
31
32
3X 3Y
3Z
|
|
40
41
42
4X 4Y
4Z
|
|
50
51
5Y
5Z
|
|
60
6Z
|
|
|
|
|
|
|
|
|
|
S0
SZ
|
|
U0 U1
UY UZ
|
9Dh V0 V1 V2
VX VY VZ
|
9Eh W0 W1 W2
WX WY WZ
|
9Fh X0 X1 X2
XX XY XZ 160
A0h Y0 Y1 Y2 Y3
YW YX YY YZ 161
A1h Z0 Z1 Z2 Z3
ZW ZX ZY ZZ 162
132 x 162 x18 bit
Fram e RAM
132 Columns
Scan
Order
00
01
02
03
0W 0X 0Y
0Z
G1
10
11
12
13
1W 1X 1Y
1Z
G2
20
21
22
2X 2Y
2Z
G3
30
31
32
3X 3Y
3Z
|
40
41
42
4X 4Y
4Z
|
50
51
5Y
5Z
|
60
6Z
|
|
|
|
|
S0
SZ
|
U0
U1
UY UZ
|
V0 V1 V2
VX VY VZ
|
W0 W1 W2
WX WY WZ
|
X0
X1
X2
XX XY XZ G160
Y0 Y1 Y2 Y3
YW YX YY YZ G161
Z0
Z1
Z2
Z3
ZW ZX ZY ZZ G162
132RGB x 162
LCD Panel
Non-Displa
y area =4
lines
Display
area =155
lines
Non-Displa
y area
=4lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com