Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 56 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 56 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 166 page
background image
ST7735
V1.7
56
2009-12-04
9.8.3
Normal Display On or Partial Mode On
9.8.3.1 When using 128RGB x 160 resolution (GM[2:0] = “011”)
In this mode, the content of the frame memory within an area where column pointer is 00h to 7Fh and page pointer is 00h
to 9Fh is displayed. To display a dot on leftmost top corner, store the dot data at (column pointer, row pointer) = (0, 0).
1). Example for Normal Display On (MX=MY=ML=’0’, SMX=SMY=’0’)
2). Example for Partial Display On (PSL[7:0]=04h,PEL[7:0]=9Bh, MX=MV=ML=’0’ ,SMX=SMY=’0’)
128 Columns
00h 01h ---- ---- 76h 77h ---- 7Fh 83h
00h 00
01
0Y
0Z
1
01h 10
11
1Y
1Z
2
02h 20
21
2Y
2Z
3
|
30
31
3Y
3Z
|
|
40
41
4Y
4Z
|
|
50
51
5Y
5Z
|
|
60
6Z
|
|
|
|
|
|
|
|
|
|
|
|
|
|
X0 X1 X2
XX XY XZ
158
9Eh Y0 Y1 Y2 Y3 YW YX YY YZ
159
9Fh Z0 Z1 Z2 Z3 ZW ZX ZY ZZ
160
A0h
A1h
128 x 160 x18bit
Fram e RAM
128 Columns
Scan
Order
00
01
02
03
0W 0X 0Y
0Z
G2
10
11
12
13
1W 1X 1Y
1Z
G3
20
21
22
2X 2Y
2Z
G4
30
31
32
3X 3Y
3Z
|
40
41
42
4X 4Y
4Z
|
50
51
5Y
5Z
|
60
6Z
|
|
|
|
|
S0
SZ
|
U0
U1
UY UZ
|
V0 V1 V2
VX VY VZ
|
W0 W1 W2
WX WY WZ
|
X0
X1
X2
XX XY XZ G159
Y0 Y1 Y2 Y3
YW YX YY YZ G160
Z0
Z1
Z2
Z3
ZW ZX ZY ZZ G161
128RGB x 160
LCD Panel
128 Columns
128 Columns
Scan
Order
00
01
02
03
0W 0X 0Y
0Z
G2
10
11
12
13
1W 1X 1Y
1Z
G3
20
21
22
2X 2Y
2Z
G4
30
31
32
3X 3Y
3Z
|
40
41
42
4X 4Y
4Z
|
50
51
5Y
5Z
|
60
6Z
|
|
|
|
|
S0
SZ
|
U0
U1
UY UZ
|
V0 V1 V2
VX VY VZ
|
W0 W1 W2
WX WY WZ
|
X0
X1
X2
XX XY XZ G159
Y0 Y1 Y2 Y3
YW YX YY YZ G160
Z0
Z1
Z2
Z3
ZW ZX ZY ZZ G161
128RGB x 160
LCD Panel
Non-Display
area =4 lines
Display area
=152 lines
Non-Display
area =4 lines
00h 01h ---- ---- 76h 77h ---- 7Fh 83h
00h 00
01
0Y
0Z
1
01h 10
11
1Y
1Z
2
02h 20
21
2Y
2Z
3
|
30
31
3Y
3Z
|
|
40
41
4Y
4Z
|
|
50
51
5Y
5Z
|
|
60
6Z
|
|
|
|
|
|
|
|
U0 U1
UY UZ
|
|
V0 V1
VX VY VZ
|
|
W0 W1 W2
WX WY WZ
|
|
X0 X1 X2
XX XY XZ
158
9Eh Y0 Y1 Y2 Y3 YW YX YY YZ
159
9Fh Z0 Z1 Z2 Z3 ZW ZX ZY ZZ
160
A0h
A1h
128 x 160 x18bit
Fram e RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com