Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 14 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 14 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 166 page
background image
ST7735
V1.7
14
2009-12-04
6.3 Mode selection pin
Name
I/O
Description
Connect pin
EXTC
I
-During normal operation, please open this pin
EXTC
Enable/disable modification of extend command
0
System function command list can be used.
1
All command list can be used.
Open
GM2,
GM1,
GM0
I
-Panel resolution selection pins.
G
M
2
G
M
1
G
M
0
Selection of panel resolution
0
0
0
132RGB x 162 (S1~S396 & G1~G162 output)
0
1
1
128RGB x 160 (S7~S390 & G2~G161 output)
VDDI/DGND
SRGB
I
-RGB direction select H/W pin for color filter setting.
SRGB
RGB arrangement
0
S1, S2, S3 filter order = ’R’, ’G’, ’B’
1
S1, S2, S3 filter order = ‘B’, ‘G’, ‘R’
VDDI/DGND
SMX
I
-Module source output direction H/W selection pin.
SMX
Scanning direction of source output
GM= ‘000’
GM= ‘011’
0
S1 -> S396
S7 -> S390
1
S396 -> S1
S390 -> S7
VDDI/DGND
SMY
I
-Module Gate output direction H/W selection pin.
SMY
Scanning direction of gate output
GM= ‘000’
GM= ‘011’
0
G1 -> G162
G2 -> G161
1
G162 -> G1
G161 -> G2
VDDI/DGND
LCM
I
-Liquid crystal (LC) type selection pins.
LCM
Selection of LC type
0
Normally white LC type
1
Normally black LC type
VDDI/DGND
GS
I
-Gamma curve selection pin.
GS
Selection of gamma curve
0
GC0=1.0, GC1=2.5, GC2=2.2, GC3=1.8
1
GC0=2.2, GC1=1.8, GC2=2.5, GC3=1.0
VDDI/DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com