Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 18 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 18 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 166 page
background image
ST7735
V1.7
18
2009-12-04
7
Driver electrical characteristics
7.1 Absolute operation range
Item
Symbol
Rating
Unit
Supply voltage
VDD
-0.3 ~ +4.6
V
Supply voltage (Logic)
VDDI
-0.3 ~ +4.6
V
Supply voltage (Digital)
VCC
-0.3 ~ +1.95
V
Driver supply voltage
VGH-VGL
-0.3 ~ +30.0
V
Logic input voltage range
VIN
0.3 ~ VDDI +0.3
V
Logic output voltage range
VO
0.3 ~ VDDI +0.3
V
Operating temperature range
TOPR
-30 ~ +85
℃
Storage temperature range
TSTG
-40 ~ +125
℃
Note: If one of the above items is exceeded its maximum limitation momentarily, the quality of the product may be degraded. Absolute
maximum limitation, therefore, specify the values exceeding which the product may be physically damaged. Be sure to use the
product within the recommend range.
7.2 DC characteristic
Specification
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Related
Pins
Power & operation voltage
System voltage
VDD
Operating voltage
2.6
2.75
3.3
V
Interface operation
voltage
VDDI
I/O supply voltage
1.65
1.9
3.3
V
Gate driver high
voltage
VGH
10
15
V
Gate driver low
voltage
VGL
-12.4
-7.5
V
Gate driver supply
voltage
| VGH-VGL |
17.5
27.5
V
Input / Output
Logic-high input
voltage
VIH
0.7VDDI
VDDI
V
Note 1
Logic-low input
voltage
VIL
VSS
0.3VDDI
V
Note 1
Logic-high output
voltage
VOH
IOH = -1.0mA
0.8VDDI
VDDI
V
Note 1
Logic-low output
voltage
VOL
IOL = +1.0mA
VSS
0.2VDDI
V
Note 1
Logic-high input
current
IIH
VIN = VDDI
1
uA
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com