Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 97 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 97 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 166 page
background image
ST7735
V1.7
97
2009-12-04
10.1.17 DISPOFF (28h): Display Off
28H
DISPOFF (Display Off)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
DISPOFF
0
↑
1
-
0
0
1
0
1
0
0
0
(28h)
Parameter
No Parameter
-
Description
- This command is used to enter into DISPLAY OFF mode. In this mode, the output from Frame Memory is
disabled and blank page inserted.
- This command makes no change of contents of frame memory.
- This command does not change any other status.
- There will be no abnormal visible effect on the display.
- Exit from this command by Display On (29h)
- The delay time between DISPON and DISPOFF needs 120ms at least.
Note1: Complete 1 frame display (ex: continue 2-falling edges of VS)
Note2: Please use command 28h (display off) combined with command 10h (sleep in) to make module into display
off status. Please check the application note of ST7735 when using display off function.
Default
Status
Default Value
Power On Sequence
Display off
S/W Reset
Display off
H/W Reset
Display off
Flow Chart
(Example)
Memory
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com