Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 101 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 101 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 166 page
background image
ST7735
V1.7
101
2009-12-04
10.1.20 RASET (2Bh): Row Address Set
2BH
RASET (Row Address Set)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RASET (2Bh)
0
↑
1
-
0
0
1
0
1
0
1
1
(2Bh)
1
st parameter
1
↑
1
-
YS15
YS14
YS13
YS12
YS11
YS10
YS9
YS8
2
nd parameter
1
↑
1
-
YS7
YS6
YS5
YS4
YS3
YS2
YS1
YS0
3
rd parameter
1
↑
1
-
YE15
YE14
YE13
YE12
YE11
YE10
YE9
YE8
4
th parameter
1
↑
1
-
YE7
YE6
YE5
YE4
YE3
YE2
YE1
YE0
Description
The value of YS [7:0] and YE [7:0] are referred when RAMWR command comes.
Each value represents one column line in the Frame Memory.
YS[7:0]
YE[7:0]
Restriction
YS [15:0] always must be equal to or less than YE [15:0]
When YS [15:0] or YE [15:0] are greater than maximum row address like below, data of out of range will be ignored.
1. 128X160 memory base (GM = ’011’)
(Parameter range: 0 < YS [15:0] < YE [15:0] < 159 (009Fh)): MV=”0”
(Parameter range: 0 < YS [15:0] < YE [15:0] < 127 (007Fh)): MV=”1”
2. 132X162 memory base (GM = ’000’)
(Parameter range: 0 < YS [15:0] < YE [15:0] < 161 (00A1h)): MV=”0”
(Parameter range: 0 < YS [15:0] < YE [15:0] < 131 (0083h)): MV=”1”
Default
Default Value
GM status
Status
YS [15:0]
YE [15:0] (MV=’0 ’)
YE [15:0] (MV=’1’)
Power On
Sequence
0000h
009Fh (159)
S/W Reset
0000h
009Fh (159)
007Fh (127)
GM=’011’
(128x160
memory base)
H/W Reset
0000h
009Fh (159)
Power On
Sequence
0000h
00A1h (161)
S/W Reset
0000h
00A1h (161)
0083h (131)
GM=’000’
(132x162
memory base)
H/W Reset
0000h
00A1h (161)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com