Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 166 page
background image
ST7735
V1.7
25
2009-12-04
9
Function description
9.1 Interface type selection
The selection of given interfaces are done by setting IM2, IM1, and IM0 pins as shown in following table.
IM2
IM1
IM0
Interface
Read back selection
0
-
-
3-line serial interface
Via the read instruction
1
0
0
8080 MCU 8-bit parallel
RDX strobe (8-bit read data and 8-bit read parameter)
1
0
1
8080 MCU 16-bit parallel
RDX strobe (16-bit read data and 8-bit read parameter)
1
1
0
8080 MCU 9-bit parallel
RDX strobe (9-bit read data and 8-bit read parameter)
1
1
1
8080 MCU 18-bit parallel
RDX strobe (18-bit read data and 8-bit read parameter)
Table 9.1.1 Selection of MCU interface
IM2
IM1
IM0
Interface
RDX
WRX
D/CX
Read back selection
0
-
-
3-line serial
Note1
Note1
SCL
D[17:1]: unused, D0: SDA
1
0
0
8080 8-bit parallel
RDX
WRX
D/CX
D[17:8]: unused, D7-D0: 8-bit data
1
0
1
8080 16-bit parallel
RDX
WRX
D/CX
D[17:16]: unused, D15-D0: 16-bit data
1
1
0
8080 9-bit parallel
RDX
WRX
D/CX
D[17:9]: unused, D8-D0: 9-bit data
1
1
1
8080 18-bit parallel
RDX
WRX
D/CX
D17-D0: 18-bit data
Table 9.1.2 Pin connection according to various MCU interface
Note1: Unused pins can be open, or connected to DGND or VDDI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com