Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7735 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 166 page
background image
ST
Sitronix
ST7735
262K Color Single-Chip TFT Controller/Driver
V1.7
1
2009-12-04
1
Introduction
The ST7735 is a single-chip controller/driver for 262K-color, graphic type TFT-LCD. It consists of 396 source line and 162
gate line driving circuits. This chip is capable of connecting directly to an external microprocessor, and accepts Serial
Peripheral Interface (SPI), 8-bit/9-bit/16-bit/18-bit parallel interface. Display data can be stored in the on-chip display data
RAM of 132 x 162 x 18 bits. It can perform display data RAM read/write operation with no external operation clock to
minimize power consumption. In addition, because of the integrated power supply circuits necessary to drive liquid crystal,
it is possible to make a display system with fewer components.
2
Features
Single chip TFT-LCD Controller/Driver with RAM
On-chip Display Data RAM (i.e. Frame Memory)
-132 (H) x RGB x 162 (V) bits
LCD Driver Output Circuits:
-Source Outputs: 132 RGB channels
-Gate Outputs: 162 channels
-Common electrode output
Display Resolution
-132 (RGB) x 162
(GM[2:0]= ”000”, DDRAM: 132 x 18-bits x 162)
-128 (RGB) x 160
(GM[2:0]= ”011”, DDRAM: 128 x 18-bits x 160)
Display Colors (Color Mode)
-Full Color: 262K, RGB=(666) max., Idle Mode OFF
-Color Reduce: 8-color, RGB=(111), Idle Mode ON
Programmable Pixel Color Format (Color Depth) for
Various Display Data input Format
-12-bit/pixel: RGB=(444) using the 384k-bit frame
memory and LUT
-16-bit/pixel: RGB=(565) using the 384k-bit frame
memory and LUT
-18-bit/pixel: RGB=(666) using the 384k-bit frame
memory and LUT
Various Interfaces
-Parallel 8080-series MCU Interface
(8-bit, 9-bit, 16-bit & 18-bit)
-3-line serial interface
-4-line serial interface
Display Features
-Programmable partial display duty
-Line inversion, frame inversion
-Support both normal-black & normal-white LC
-Software programmable color depth mode
Built-in Circuits
-DC/DC converter
-Adjustable VCOM generation
-Non-volatile (NV) memory to store initial register setting
-Oscillator for display clock generation
-Factory default value (module ID, module version, etc)
are stored in NV memory
-Timing controller
Built-in NV Memory for LCD Initial Register Setting
-7-bits for ID2
-8-bits for ID3
-7-bits for VCOM adjustment
Wide Supply Voltage Range
-I/O Voltage (VDDI to DGND): 1.65V~VDD
(VDDI
≤ VDD)
-Analog Voltage (VDD to AGND): 2.6V~3.3V
On-Chip Power System
-Source Voltage (GVDD to AGND): 3.0V~5.0V
-VCOM HIGH level (VCOMH to AGND): 2.5V to 5.0V
-VCOM LOW level (VCOML to AGND): -2.4V to 0.0V
-Gate driver HIGH level (VGH to AGND):
+10.0V to +15V
-Gate driver LOW level (VGL to AGND):
-12.4V to -7.5V
Operating Temperature: -30°C to +85°C
ST7735
Parallel Interface: 8-bit/9-bit/16-bit/18-bit
Serial Interface: 3-line/4-line
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.


Similar Part No. - ST7735

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
ST7735SV SITRONIX-ST7735SV Datasheet
7Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.3 2020/01
More results

Similar Description - ST7735

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com