Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 69 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 69 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 166 page
background image
ST7735
V1.7
69
2009-12-04
9.14.2 Reset Table (GM[2:0]= “000”, 132RGB x 162)
Item
After Power On
After H/W Reset
After S/W Reset
Frame memory
Random
No Change
No Change
Sleep In/Out
In
In
In
Display On/Off
Off
Off
Off
Display mode (normal/partial)
Normal
Normal
Normal
Display Inversion On/Off
Off
Off
Off
Display Idle Mode On/Off
Off
Off
Off
Column: Start Address (XS)
0000h
0000h
0000h
Column: End Address (XE)
0083h
0083h
0083h (131d) (when MV=0)
00A1h (161d) (when MV=1)
Row: Start Address (YS)
0000h
0000h
0000h
Row: End Address (YE)
00A1h
00A1h
00A1h (161d) (when MV=0)
0083h (131d) (when MV=1)
Gamma setting
GC0
GC0
GC0
RGB for 4k and 65k Color Mode
See Section 9.17
See Section 9.17
No Change
Partial: Start Address (PSL)
0000h
0000h
0000h
Partial: End Address (PEL)
00A1h
00A1h
00A1h
Tearing: On/Off
Off
Off
Off
Tearing Effect Mode (*1)
0 (Mode1)
0 (Mode1)
0 (Mode1)
Memory Data Access Control (MY/MX/MV/ML/RGB)
0/0/0/0/0
0/0/0/0/0
No Change
Interface Pixel Color Format
6 (18-Bit/Pixel)
6 (18-Bit/Pixel)
No Change
RDDPM
08h
08h
08h
RDDMADCTL
00h
00h
No Change
RDDCOLMOD
6 (18-Bit/Pixel)
6 (18-Bit/Pixel)
No Change
RDDIM
00h
00h
00h
RDDSM
00h
00h
00h
RDDSDR
00h
00h
00h
ID2
NV value
NV value
NV value
ID3
NV value
NV value
NV value
Note: TE Mode 1 means Tearing Effect Output Line consists of V-Blanking Information only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com