Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 55 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 55 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 166 page
background image
ST7735
V1.7
55
2009-12-04
9.8.2.2 When using 132RGB x 162 resolution (GM[2:0] = “000”, SMX=SMY=SRGB= ‘0’)
--------
Gate Out
S1
S2
S3
S4
S5
S6
-------- S391 S392 S393 S394 S395 S396
MY=' 0 ' MY=' 1 '
ML=' 0 ' ML=' 1 '
1
0
161
R0
G0
B0
R1
G1
B1
-------- R131 G131 B131 R132 G132 B132
0
161
2
1
160
--------
1
160
3
2
159
--------
2
159
4
3
158
--------
3
158
5
4
157
--------
4
157
6
5
156
--------
5
156
7
6
155
--------
6
155
8
7
154
--------
7
154
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
155
154
7
--------
154
7
156
155
6
--------
155
6
157
156
5
--------
156
5
158
157
4
--------
157
4
159
158
3
--------
158
3
160
159
2
--------
159
2
161
160
1
--------
160
1
162
161
0
--------
161
0
MX=' 0 '
--------
MX=' 1 '
--------
Pixel 1
Pixel 2
Pixel 131
Pixel 132
Source Out
RGB
Order
RA
SA
CA
0
1
130
131
131
130
1
0
Note
RA = Row Address,
CA = Column Address
SA = Scan Address
MX = Mirror X-axis (Column address direction parameter), D6 parameter of MADCTL command
MY = Mirror Y-axis (Row address direction parameter), D7 parameter of MADCTL command
ML = Scan direction parameter, D4 parameter of MADCTL command
RGB = Red, Green and Blue pixel position change, D3 parameter of MADCTL command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com