Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 81 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 81 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 166 page
background image
ST7735
V1.7
81
2009-12-04
10.1.3 RDDID (04h): Read Display ID
04H
RDDID (Read Display ID)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDDID
0
↑
1
-
0
0
0
0
0
1
0
0
(04h)
1
st parameter 1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd parameter 1
1
↑
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
3
rd parameter 1
1
↑
-
1
ID26
ID25
ID24
ID23
ID22
ID21
ID20
4
th parameter 1
1
↑
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
Description
-This read byte returns 24-bit display identification information.
-The 1st parameter is dummy data
-The 2nd parameter (ID17 to ID10): LCD module’s manufacturer ID.
-The 3rd parameter (ID26 to ID20): LCD module/driver version ID
-The 4th parameter (ID37 to UD30): LCD module/driver ID.
-Commands RDID1/2/3(DAh, DBh, DCh) read data correspond to the parameters 2,3,4 of the command 04h,
respectively.
“-“ Don’t care
Default
Default Value
Status
ID1
ID2
ID3
Power On Sequence
-
NV Value
NV Value
S/W Reset
-
NV Value
NV Value
H/W Reset
-
NV Value
NV Value
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com