Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 78 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 78 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 166 page
background image
ST7735
V1.7
78
2009-12-04
Table 10.1.3 System Function command List (3)
InstructionRefer
D/CX WRXRDXD17-8 D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
0
↑
1
-
0
0
1
1
0
0
0
0
(30h) Partial start/end address set
1
↑
1
-
PSL15PSL14PSL13PSL12PSL11PSL10PSL9 PSL8
1
↑
1
-
PSL7 PSL6 PSL5 PSL4 PSL3 PSL2 PSL1 PSL0
Partial start address (0,1,2, ..P)
1
↑
1
-
PEL15PEL14PEL13PEL12PEL11PEL10PEL9 PEL8
PTLAR
10.1.23
1
↑
1
-
PEL7 PEL6 PEL5 PEL4 PEL3 PEL2 PEL1 PEL0
Partial end address (0,1,2, .., P)
TEOFF
10.1.240
↑
1
-
0
0
1
1
0
1
0
0
(34h) Tearing effect line off
0
↑
1
-
0
0
1
1
0
1
0
1
(35h) Tearing effect mode set & on
TEON
10.1.25
1
↑
1
-
-
-
-
-
-
-
-
TELOM
Mode1: TELOM=”0”
Mode2: TELOM=”1”
0
↑
1
-
0
0
1
1
0
1
1
0
(36h) Memory data access control
MADCTL 10.1.26
1
↑
1
-
MY
MX
MV
ML
RGB
MH
-
-
-
IDMOFF 10.1.270
↑
1
-
0
0
1
1
1
0
0
0
(38h) Idle mode off
IDMON
10.1.280
↑
1
-
0
0
1
1
1
0
0
1
(39h) Idle mode on
0
↑
1
-
0
0
1
1
1
0
1
0
(3Ah) Interface pixel format
COLMOD 10.1.29
1
↑
1
-
-
-
-
-
-
IFPF2 IFPF1IFPF0
Interface format
0
↑
1
-
1
1
0
1
1
0
1
0
(DAh) Read ID1
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDID1
10.1.30
1
1
↑
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11 ID10
Read parameter
0
↑
1
-
1
1
0
1
1
0
1
1
(DBh) Read ID2
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDID2
10.1.31
1
1
↑
-
1
ID26
ID25
ID24
ID23
ID22
ID21 ID20
Read parameter
0
↑
1
-
1
1
0
1
1
1
0
0
(DCh) Read ID3
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDID3
10.1.32
1
1
↑
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31 ID30
Read parameter
“-“: Don’t care
Note 1: After the H/W reset by RESX pin or S/W reset by SWRESET command, each internal register becomes default state (Refer
“RESET TABLE” section)
Note 2: Undefined commands are treated as NOP (00 h) command.
Note 3: B0 to D9 and DA to F are for factory use of driver supplier.
Note 4: Commands 10h, 12h, 13h, 20h, 21h, 26h, 28h, 29h, 30h, 33h, 36h (ML parameter only), 37h, 38h and 39h are updated during
V-sync when Module is in Sleep Out Mode to avoid abnormal visual effects. During Sleep In mode, these commands are updated
immediately. Read status (09h), Read Display Power Mode (0Ah), Read Display MADCTL (0Bh), Read Display Pixel Format
(0Ch), Read Display Image Mode (0Dh), Read Display Signal Mode (0Eh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com