Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 91 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 91 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 166 page
background image
ST7735
V1.7
91
2009-12-04
10.1.11 SLPOUT (11h): Sleep Out
11H
SLPOUT (Sleep Out)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
SLPOUT
0
↑
1
-
0
0
0
1
0
0
0
1
(11h)
Parameter
No Parameter
-
Description
-This command turns off sleep mode.
-In this mode the DC/DC converter is enabled, Internal display oscillator is started, and panel scanning is started.
Restriction
-This command has no effect when module is already in sleep out mode. Sleep Out Mode can only be exit by the Sleep In
Command (10h).
-When IC is in Sleep In mode, it is necessary to wait 120msec before sending next command because of the stabilization
timing for the supply voltages and clock circuits.
-When IC is in Sleep Out or Display On mode, it is necessary to wait 120msec before sending next command due to the
download of default value of registers and the execution of self-diagnostic function.
Default
Status
Default Value
Power On Sequence
Sleep in mode
S/W Reset
Sleep in mode
H/W Reset
Sleep in mode
Flow Chart
SLPOUT
Start
Internal
Oscillator
Start up
DC:DC
Converter
Display whole blank
screen for 2 firames
(Automatic No effect
to DISP ON/OFF
Commands)
Display Memory
contents In
accordance with
the current
command table
settings
Sleep Out mode
Charge
Offset
voltage for
LCD
Panel
Command
Parameter
Display
Action
Mode
Legend
Sequential
transter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com