Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 90 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 90 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 166 page
background image
ST7735
V1.7
90
2009-12-04
10.1.10 SLPIN (10h): Sleep In
10H
SLPIN (Sleep In)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
SLPIN
0
↑
1
-
0
0
0
1
0
0
0
0
(10h)
Parameter
No Parameter
-
Description
-This command causes the LCD module to enter the minimum power consumption mode.
-In this mode the DC/DC converter is stopped, Internal display oscillator is stopped, and panel scanning is stopped.
Restriction
-This command has no effect when module is already in Sleep In mode. Sleep In Mode can only be exit by the Sleep Out
Command (11h).
-When IC is in Sleep Out or Display On mode, it is necessary to wait 120msec before sending next command because of
the stabilization timing for the supply voltages and clock circuits.
Default
Status
Default Value
Power On Sequence
Sleep in mode
S/W Reset
Sleep in mode
H/W Reset
Sleep in mode
Flow Chart
SLPIN
Display whole blank
screen (Automatic
No effect to DISP
ON/OFF
Commands)
Drain
Charge
From LCD
Panel
Stop
DC-DC
Converte
r
Stop
Internal
Oscillator
Sleep In Mode
Command
Parameter
Display
Action
Mode
Legend
Sequential
transter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com