Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 76 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 76 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 166 page
background image
ST7735
V1.7
76
2009-12-04
10 Command
10.1 System function Command List and Description
Table 10.1.1 System Function command List (1)
Instruction Refer D/CX WRX RDX D17-8 D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
NOP
10.1.1 0
↑
1
-
0
0
0
0
0
0
0
0
(00h) No Operation
SWRESET10.1.2 0
↑
1
-
0
0
0
0
0
0
0
1
(01h) Software reset
0
↑
1
-
0
0
0
0
0
1
0
0
(04h) Read Display ID
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
ID1 read
1
1
↑
-
1
ID26
ID25
ID24
ID23
ID22
ID21
ID20
ID2 read
RDDID
10.1.3
1
1
↑
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
ID3 read
0
↑
1
-
0
0
0
0
1
0
0
1
(09h) Read Display Status
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
BSTON MY
MX
MV
ML
RGB
MH
ST24
-
1
1
↑
-
ST23
IFPF2 IFPF1 IFPF0
IDMON PTLON SLOUT NORON
-
1
1
↑
-
VSSON ST14
INVON ST12
ST11
DISON TEON GCS2
-
RDDST
10.1.4
1
1
↑
-
GCS1 GCS0 TELOM ST4
ST3
ST2
ST1
ST0
-
0
↑
1
-
0
0
0
0
1
0
1
0
(0Ah) Read Display Power
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDDPM
10.1.5
1
1
↑
-
BSTON IDMON PTLON SLPOUT NORON DISON -
-
-
0
↑
1
-
0
0
0
0
1
0
1
1
(0Bh) Read Display
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDD
MADCTL
10.1.6
1
1
↑
-
MY
MX
MV
ML
RGB
MH
-
-
-
0
↑
1
-
0
0
0
0
1
1
0
0
(0Ch) Read Display Pixel
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDD
COLMOD
10.1.7
1
1
↑
-
0
0
0
0
-
IFPF2 IFPF1 IFPF0
-
0
↑
1
-
0
0
0
0
1
1
0
1
(0Dh) Read Display Image
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDDIM
10.1.8
1
1
↑
-
VSSON D6
INVON -
-
GCS2 GCS1 GCS0
-
0
↑
1
-
0
0
0
0
1
1
1
0
(0Eh) Read Display Signal
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDDSM
10.1.9
1
1
↑
-
TEON TELOM -
-
-
-
-
-
-
“-“: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com