Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 83 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 83 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 166 page
background image
ST7735
V1.7
83
2009-12-04
DISON
Display On/Off
‘1’ = On, “0” = Off
TEON
Tearing effect line on/off
‘1’ = On, “0” = Off
GCSEL2
GCSEL1
GCSEL0
Gamma Curve Selection
“000” = GC0
“001” = GC1
“010” = GC2
“011” = GC3
”100” to “111” = Not defined
TELOM
Tearing effect line mode
‘0’ = mode1, ‘1’ = mode2
ST4
For Future Use
‘0’
ST3
For Future Use
‘0’
ST2
For Future Use
‘0’
ST1
For Future Use
‘0’
ST0
For Future Use
‘0’
“-“ Don’t care
Default
Status
Default Value (ST31 to ST0)
ST[31-24]
ST[23-16]
ST[15-8]
ST[7-0]
Power On Sequence
0000-0000
0110-0001
0000-0000
0000-0000
S/W Reset
0xxx0xx00
0xxx-0001
0000-0000
0000-0000
H/W Reset
0000-0000
0110-0001
0000-0000
0000-0000
Flow Chart
RDDST 09h
RDDST 09h
Dummy
Clock
Dummy
Read
Send 2nd
parameter
Send 2nd
parameter
Send 3rd
parameter
Send 3rd
parameter
Send 4th
parameter
Send 4th
parameter
Serial I/F Mode
Parallel I/F Mode
Send 5th
parameter
Sendth
parameter
Command
Parameter
Display
Action
Mode
Legend
Sequential
transter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com