Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 105 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 105 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 166 page
background image
ST7735
V1.7
105
2009-12-04
10.1.23 PTLAR (30h): Partial Area
30H
PTLAR (Partial Area)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
PTLAR
0
↑
1
-
0
0
1
1
0
0
0
0
(30h)
1st
parameter
1
↑
1
-
PSL15
PSL14
PSL13
PSL12
PSL11
PSL10
PSL9
PSL8
2nd
parameter
1
↑
1
-
PSL7
PSL6
PSL5
PSL4
PSL3
PSL2
PSL1
PSL0
3rd
parameter
1
↑
1
-
PEL15
PEL14
PEL13
PEL12
PEL11
PEL10
PEL9
PEL8
4th
parameter
1
↑
1
-
PEL7
PEL6
PEL5
PEL4
PEL3
PEL2
PEL1
PEL0
Description
-This command defines the partial mode’s display area.
-There are 4 parameters associated with this command, the first defines the Start Row (PSL) and the second the End Row
(PEL), as illustrated in the figures below. PSL and PEL refer to the Frame Memory row address counter.
-If End Row > Start Row, when MADCTL ML=’0’
Non-display area
Non-display area
Partial display area
PSL [7:0]
PEL [7:0]
Start row
End row
-If End Row > Start Row, when MADCTL ML=’1’
Non-display area
Non-display area
Partial display area
PSL [7:0]
PEL [7:0]
Start row
End row
-If End Row < Start Row, when MADCTL ML=’0’
Partial display area
PSL [7:0]
PEL [7:0]
Start row
End row
Non-display area
Partial display area
-If End Row = Start Row then the Partial Area will be one row deep.
Default
Default Value
Status
PSL [15:0]
PEL [15:0]
GM[2:0]
“xxx”
GM[2:0]=”011”
GM[2:0]=”000”
Power On Sequence
0000h
009Fh
00A1h
S/W Reset
0000h
009Fh
00A1h
H/W Reset
0000h
009Fh
00A1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com