Electronic Components Datasheet Search
  English  ▼

X  

ST7735 Datasheet(PDF) 104 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 104 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 166 page
background image
ST7735
V1.7
104
2009-12-04
10.1.22 RAMRD (2Eh): Memory Read
2EH
RAMHD (Memory Read)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RAMHD
0
↑
1
-
0
0
1
0
1
1
1
0
(2Eh)
1
st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
2
nd parameter
1
1
↑
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
∣
1
1
↑
∣
∣
∣
∣
∣
∣
∣
∣
∣
(N+1)th parameter
1
1
↑
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
Description
-This command is used to transfer data from frame memory to MCU.
-When this command is accepted, the column register and the row register are reset to the Start Column/Start
Row positions.
-The Start Column/Start Row positions are different in accordance with MADCTL setting.
-Then D[17:0] is read back from the frame memory and the column register and the row register incremented as
section 9.10
-Frame Read can be cancelled by sending any other command.
-The data color coding is fixed to 18-bit in reading function. Please see section 9.8 “Data color coding” for color
coding (18-bit cases), when there is used 8, 9, 16 and 18-bit data lines for image data.
Note1: The Command 3Ah should be set to 66h when reading pixel data from frame memory.Please check the
LUT in chapter 9.17 when using memory read function.
Default
Status
Default Value
Power On Sequence
Contents of memory is set randomly
S/W Reset
Contents of memory is not cleared
H/W Reset
Contents of memory is not cleared
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com