Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 14Page - NXP Semiconductors LPC3131 Datasheet HTML 15Page - NXP Semiconductors LPC3131 Datasheet HTML 16Page - NXP Semiconductors LPC3131 Datasheet HTML 17Page - NXP Semiconductors LPC3131 Datasheet HTML 18Page - NXP Semiconductors LPC3131 Datasheet HTML 19Page - NXP Semiconductors LPC3131 Datasheet HTML 20Page - NXP Semiconductors LPC3131 Datasheet HTML 21Page - NXP Semiconductors LPC3131 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
18 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
6.8 Internal RAM memory
The ISRAM (Internal Static RAM Memory) controller module is used as controller
between the AHB bus and the internal RAM memory. The internal RAM memory can be
used as working memory for the ARM processor and as temporary storage to execute the
code that is loaded by boot ROM from external devices such as SPI-flash, NAND flash,
and SD/MMC cards.
This module has the following features:
• Capacity of 96 kB (LPC3130) or 192 kB (LPC3131)
• On LPC3131 implemented as two independent 96 kB memory banks
6.9 Memory Card Interface (MCI)
The MCI controller interface can be used to access memory cards according to the
Secure Digital (SD) and Multi-Media Card (MMC) standards. The host controller can be
used to interface to small form factor expansion cards compliant to the SDIO card
standard as well. Finally, the MCI supports CE-ATA 1.1 compliant hard disk drives.
This module has the following features:
• One 8-bit wide interface.
• Supports high-speed SD, versions 1.01, 1.10 and 2.0.
• Supports SDIO version 1.10.
• Supports MMCplus, MMCmobile and MMCmicro cards based on MMC 4.1.
• Supports SDHC memory cards.
• CRC generation and checking.
Table 8.
LPC3130/3131 boot modes
Boot mode
GPIO0 GPIO1 GPIO2 Description
NAND
0
0
0
Boots from NAND flash. If proper image is not found,
boot ROM will switch to DFU boot mode.
SPI
0
0
1
Boot from SPI NOR flash connected to SPI_CS_OUT0. If
proper image is not found, boot ROM will switch to DFU
boot mode.
DFU
0
1
0
Device boots via USB using DFU class specification.
SD/MMC
0
1
1
Boot ROM searches all the partitions on the
SD/MMC/SDHC/MMC+/eMMC/eSD card for boot image.
If partition table is missing, it will start searching from
sector 0. A valid image is said to be found if a valid image
header is found, followed by a valid image. If a proper
image is not found, boot ROM will switch to DFU boot
mode.
Reserved 0
1
0
0
Reserved for testing.
NOR flash
1
0
1
Boot from parallel NOR flash connected to
EBI_NSTCS_1.
UART
1
1
0
Boot ROM tries to download boot image from UART
((115200 – 8 – n -1) assuming 12 MHz FFAST clock).
Test
1
1
1
Boot ROM is testing ISRAM using memory pattern test.
After test switches to UART boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com