| Electronic Components Datasheet Search |
|
LPC3131 Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC3131 Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 68 page ![]() LPC3130_3131_1 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 1 — 9 February 2009 20 of 68 NXP Semiconductors LPC3130/3131 Low-cost, low-power ARM926EJ-S microcontrollers – Data is transferred from incrementing memory to a fixed address of a peripheral. The flow is controlled by the peripheral. Peripheral to memory: – Data is transferred from a fixed address of a peripheral to incrementing memory. The flow is controlled by the peripheral. • Supports single data transfers for all transfer types. • Supports burst transfers for memory to memory transfers. A burst always consists of multiples of 4 (32 bit) words. • The DMA controller has 12 channels. • Scatter-gather is used to gather data located at different areas of memory. Two channels are needed per scatter-gather action. • Supports byte, half word and word transfers, and correctly aligns it over the AHB bus. • Compatible with ARM flow control for single requests (sreq), last single requests (lsreq), terminal count info (tc), and dma clearing (clr). • Supports swapping in endianess of the transported data. 6.12 Interrupt controller (INTC) The interrupt controller collects interrupt requests from multiple devices, masks interrupt requests, and forwards the combined requests to the processor. The interrupt controller also provides facilities to identify the interrupt requesting devices to be served. This module has the following features: • The interrupt controller decodes all the interrupt requests issued by the on-chip peripherals. • Two interrupt lines (Fast Interrupt Request (FIQ), Interrupt Request (IRQ)) to the ARM core. The ARM core supports two distinct levels of priority on all interrupt sources, FIQ for high priority interrupts and IRQ for normal priority interrupts. • Software interrupt request capability associated with each request input. • Visibility of the interrupt’s request state before masking. • Support for nesting of interrupt service routines. • Interrupts routed to IRQ and to FIQ are vectored. Table 9: Peripherals that support DMA access Peripheral name Supported Transfer Types NAND flash controller Memory to memory SPI Memory to peripheral and peripheral to memory MCI Memory to peripheral and peripheral to memory LCD interface Memory to peripheral UART Memory to peripheral and peripheral to memory I2C0/1-bus master/slave Memory to peripheral and peripheral to memory I2S0/1 receive Peripheral to memory I2S0/1 transmit Memory to peripheral PCM interface Memory to peripheral and peripheral to memory |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |