Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 30Page - NXP Semiconductors LPC3131 Datasheet HTML 31Page - NXP Semiconductors LPC3131 Datasheet HTML 32Page - NXP Semiconductors LPC3131 Datasheet HTML 33Page - NXP Semiconductors LPC3131 Datasheet HTML 34Page - NXP Semiconductors LPC3131 Datasheet HTML 35Page - NXP Semiconductors LPC3131 Datasheet HTML 36Page - NXP Semiconductors LPC3131 Datasheet HTML 37Page - NXP Semiconductors LPC3131 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
34 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
The EBI unit between the NAND flash interface and the MPMC contains an arbiter that
determines which interface is muxed to the outside world. Both NAND flash and
SDRAM/SRAM initiate a request to the EBI unit. This request is granted using round-robin
arbitration (see Section 6.6).
6.26.3 Supply domains
As is shown in Figure 9 the EBI (NAND flash/MPMC-control/data) is connected to a
different supply domain than the LCD interface. The EBI control and address signals are
muxed with the LCD interface signals and are part of supply domain SUP8. The
SDRAM/SRAM data lines are shared with the NAND flash through the EBI and are part of
supply domain SUP4. Therefore the following rules apply for connecting memories:
1. SDRAM and bus-based LCD or SRAM: This is the MPMC mode. The supply voltage
for SDRAM/SRAM/bus-based LCD and NAND flash must be the same.The dedicated
LCD interface is not available in this MPMC mode.
2. Dedicated LCD interface only: This is the LCD mode. The NAND flash supply voltage
(SUP4) can be different from the LCD supply voltage (SUP8).
6.27 Timer module
The LPC3130/3131 contains four fully independent timer modules, which can be used to
generate interrupts after a pre-set time interval has elapsed.
This module has the following features:
• Each timer is a 32 bit wide down-counter with selectable pre-scale. The pre-scaler
allows using either the module clock directly or the clock divided by 16 or 256.
• Two modes of operation:
– Free-running timer: The timer generates an interrupt when the counter reaches
zero. The timer wraps around to 0xFFFFFFFF and continues counting down.
– Periodic timer: The timer generates an interrupt when the counter reaches zero. It
reloads the value from a load register and continues counting down from that
value. An interrupt will be generated every time the counter reaches zero. This
effectively gives a repeated interrupt at a regular interval.
• At any time the current timer value can be read.
• At any time the value in the load register may be re-written, causing the timer to
restart.
6.28 Pulse Width Modulation (PWM) module
This PWM can be used to generate a pulse width modulated or a pulse density modulated
signal. With an external low pass filter, the module can be used to generate a
low-frequency analog signal. A typical use of the output of the module is to control the
backlight of an LCD display.
This module has the following features:
• Supports Pulse Width Modulation (PWM) with software controlled duty cycle.
• Supports Pulse Density Modulation (PDM) with software controlled pulse density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com