Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 12Page - NXP Semiconductors LPC3131 Datasheet HTML 13Page - NXP Semiconductors LPC3131 Datasheet HTML 14Page - NXP Semiconductors LPC3131 Datasheet HTML 15Page - NXP Semiconductors LPC3131 Datasheet HTML 16Page - NXP Semiconductors LPC3131 Datasheet HTML 17Page - NXP Semiconductors LPC3131 Datasheet HTML 18Page - NXP Semiconductors LPC3131 Datasheet HTML 19Page - NXP Semiconductors LPC3131 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
16 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
• Software control mode where the ARM is directly master of the flash device.
• Support for 8 bit and 16 bit flash devices.
• Support for any page size from 0.5 kB upwards.
• Programmable NAND flash timing parameters.
• Support for up to 4 NAND devices.
• Error Correction Module (ECC) for MLC NAND flash support:
– Reed-Solomon error correction encoding and decoding.
– Uses Reed-Solomon code words with 9-bit symbols over GF(29), a total codeword
length of 469 symbols, including 10 parity symbols, giving a minimum Hamming
distance of 11.
– Up to 8 symbol errors can be corrected per codeword.
– Error correction can be turned on and off to match the demands of the application.
– Parity generator for error correction encoding.
– Wear leveling information can be integrated into protected data.
– Interrupts generated after completion of error correction task with 3 interrupt
registers.
– Error correction statistics distributed to ARM using interrupt scheme.
– Interface is compatible with the ARM External Bus Interface (EBI).
6.5 Multi-Port Memory Controller (MPMC)
The multi-port memory controller supports the interface to different memory types, for
example:
• SDRAM
• Low-power SDRAM
• Static memory interface
This module has the following features:
• Dynamic memory interface support including SDRAM, JEDEC low-power SDRAM.
• Address line supporting up to 128 MB of dynamic memory.
• The MPMC has two AHB interfaces:
a. an interface for accessing external memory.
b. a separate control interface to program the MPMC. This enables the MPMC
registers to be situated in memory with other system peripheral registers.
• Low transaction latency.
• Read and write buffers to reduce latency and to improve performance, particularly for
un-cached processors.
• Static memory features include:
– asynchronous page mode read
– programmable wait states
– bus turnaround delay
– output enable and write enable delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com